Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28021 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP28021
Description  1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28021 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP28021 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 10Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 11Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LP28021-04
Apr.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 11
Preliminary Datasheet
LP28021
Application Information
The LP28021 is a single cell lithium-ion battery
charger using a constant-current/constant-voltage
algorithm. It can deliver up to 1000mA of charge
current (using a good thermal PCB layout) with a
final float voltage accuracy of ±1%. The LP28021
includes an internal P-channel power MOSFET and
thermal regulation circuitry. No blocking diode or
external current sense resistor is required; thus, the
basic charger circuit requires only two external
components. Furthermore, the LP28021 is capable
of operating from a USB power source.
Normal Charge Cycle
A charge cycle begins when the voltage at the VO
pin rises above the UVLO threshold level and a 1%
resistor is connected from the ISET pin to ground or
when a battery is connected to the charger output. If
the BAT pin is less than 2.8V, the charger enters
trickle charge mode. In this mode, the LP28021
supplies 30mA charge current to bring the battery
voltage up to a safe level for full current charging.
When the BAT pin voltage rises above 2.9V, the
charger enters constant-current mode, where the
RISET rammed charge current is supplied to the
battery. When the BAT pin approaches the final float
voltage, the LP28021 enters constant-voltage mode
and the charge current begins to decrease. The
charge cycle ends when the charge current drops to
1/10 of the RISET rammed value.
Charge Termination
A charge cycle is terminated when the charge current falls to
1/10th the ISET rammed value after the final float voltage is
reached. This condition is detected by using an internal,
filtered comparator to monitor the ISET pin. When the ISET
pin voltage falls below 200mV for longer than tTERM(typically
1ms), charging is terminated. The charge current is latched off
and the LP28056S enters standby mode, where the input
supply current drops to 200µA. In this state, all loads on the
BAT pin must be supplied by the battery. (Note: C/10
termination is disabled in trickle charging and thermal limiting
modes).
ISET ramming Charge Current
The charge current is IIBAT rammed using a single
resistor from the ISET pin to ground. The battery
charge current is 1000 times the current out of the
IIBAT pin. The IIBAT ram resistor and the charge current
are calculated using the following equations:
RISET=1000V/IBAT
IBAT= 1000V/RISET
The charge current out of the BAT pin can be
determined at any time by monitoring the IBAT pin
voltage using the following equation:
IBAT=VISET×1000/RISET
Note: VIBAT is 1Volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com