Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28021 Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP28021
Description  1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28021 Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP28021 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 10Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 11Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LP28021-04
Apr.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 9 of 11
Preliminary Datasheet
LP28021
Thermal Limiting
An internal thermal feedback loop reduces the IBAT
rammed charge current if the die temperature
attempts to rise above a preset value of
approximately 150℃. This feature protects the
LP28021 from excessive temperature and allows the
user to push the limits of the power handling
capability of a given circuit board without risk of
damaging the LP28021. The charge current can be
set according to typical (not worst-case) ambient
temperature with the assurance that the charger will
automatically reduce the current in worst-case
conditions.
TDFN
power
considerations
are
discussed further in the Applications Information
section.
Charge Status Indicator
The charge status output has two different states:
strong pull-down (~5mA) and high impedance. The
strong pull-down state indicates that the LP28021 is
in a charge cycle. Once the charge cycle has
terminated, the pin state is determined by under
voltage lockout conditions. High impedance indicates
that the LP28021 is in under voltage lockout mode:
either VO is less than 100mV above the BAT pin
voltage or insufficient voltage is applied to the VO pin.
A microprocessor can be used to distinguish
between these two states—this method is discussed
in the Applications Information section. When VIN
rise above 6.1V(typ.), the CHRG and STDBY LEDs
would be turned off. A microprocessor can be used
to distinguish between these two states.
Function
CHRG
STDBY
Charging
low
high
Charge Complete
high
low



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com