Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28021 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP28021
Description  1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28021 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP28021 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LP28021-04
Apr.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 11
Preliminary Datasheet
LP28021
Pin Description
Pin
Name
Description
LP28021
LP28021A
ESOP8 TDFN-10
TDFN-10
6,9
1,7,11
1,7,11
GND
GND is the connection to system ground.
1
2
ILIMIT
Input Current limit Program Pin. The input current from VIN to OV is
programmed by connecting a 1% resistor(RLIMIT)to ground.
2
/EN
Chip enable pin. Active low
2
3
3
BAT
BAT is the connection to the battery.
3
4
4
STDBY
Open-Drain Charge Status Output. When the battery is charging, this
STDBY pin is pulled High by an internal N-channel MOSFET. When the
charge cycle is completed, the pin is pulled Low.
4
5
5
CHRG
Open-Drain Charge Status Output. When the battery is charging, this
CHRG pin is pulled low by an internal N-channel MOSFET. When the
charge cycle is completed, the pin is pulled High.
5
6
6
ISET
Charge Current Program, Charge Current Monitor and Shutdown Pin.
7
8
8
VO
Input of Charger. Connect a capacitor 10uF to ground.
9
9
OV
Output of Over Voltage Protection part. Connect a capacitor 10uF to
ground.
8
10
10
VIN
VIN is the input power source with Over Voltage Protection part. Connect
to a wall adapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com