Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28021 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28021
Description  1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28021 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28021 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28021 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LP28021-04
Apr.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 11
Preliminary Datasheet
LP28021
1.0A Single-chip Li-ion and Li-POL Charger
with OVP Protection
General Description
The LP28021/A is a complete constant-current/ constant
voltage linear charger for single cell lithium-ion batteries. Its
TDFN-10 package and low external component count make the
LP28021/A ideally suited for portable applications. No external
sense resistor is needed, and no blocking diode is required due
to the internal MOSFET architecture. Thermal feedback
regulates the charge current to limit the die temperature during
high power operation or high ambient temperature. The charge
voltage is fixed at 4.2V/4.35V, and the charge current can be
rammed externally with a single resistor(RIBAT). The LP28021
automatically terminates the charge cycle when the charge
current drops to 1/10th the RIBAT rammed value after the final
float voltage is reached. When the input supply is removed, the
LP28021/A automatically enters a low current state, dropping
the battery drain current to less than 1µA.
Other features include charge current monitor, under voltage
lockout, automatic recharge and a status pin to indicate charge
termination and the presence of an input voltage.
Order Information
LP28021 □ □□ □ □□
BAT Voltage
Default: 4.2V
43: 4.35V
F: Pb-Free
Package Type
QV: TDFN-10
SP: ESOP8
Function Class
Default:OCP Adjustable
A:Enable
Features
Very Low Power Dissipation
Input Voltage: 3.8V~36V
Input OVP: 6.1V
Protection of Reverse Connection of Battery
Programmable Charge Current Up to 1000mA
No MOSFET, Sense Resistor or Blocking Diode Required
Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize Charge Rate Without
Risk of Overheating
1µA Leakage Current in Shutdown
Drainage Charge Current Thermal Regulation Status
Outputs for LED or System Interface
Indicates Charge and Fault Conditions
Consumption Available in TDFN-10 Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Portable Media Players/Game
Power Bank
PDA/MID
Bluetooth Applications
Marking Information
Device
Marking
Package
Shipping
LP28021
LPS
LP28021
YWX
QV:TDFN-10
SP:ESOP8
3K/REEL
2.5K/REEL
LP28021A
LPS
LP28021A
YWX
QV:TDFN-10
3K/REEL
Marking indication:
Y:Production year W:Production week X: Series Number


Similar Part No. - LP28021

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28021S POWER-LP28021S Datasheet
566Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
More results

Similar Description - LP28021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24083 TI-BQ24083 Datasheet
1Mb / 23P
1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
logo
Lowpower Semiconductor ...
LP28011 POWER-LP28011 Datasheet
438Kb / 10P
1A Single-chip Li-ion and Li-POL Charge with OVP
LP28292 POWER-LP28292 Datasheet
363Kb / 10P
1.5A Single-chip Li-ion and Li-POL Charge with OVP
logo
Texas Instruments
BQ24081 TI-BQ24081_12 Datasheet
1Mb / 25P
1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
Single Cell Li-Ion and Li-Pol Battery Charger
BQ24040 TI1-BQ24040_16 Datasheet
1Mb / 38P
Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ24080 TI1-BQ24080_16 Datasheet
1Mb / 26P
1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24080-Q1 TI1-BQ24080-Q1 Datasheet
1Mb / 28P
Li-Ion and Li-Pol Automotive Charger
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
1A Single-chip Li-ion and Li-POL Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com