Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCQEB100 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCQEB100
Description  Up to 100 Watts Output Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQEB100 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCQEB100 Datasheet HTML 1Page - Wall Industries,Inc. DCQEB100 Datasheet HTML 2Page - Wall Industries,Inc. DCQEB100 Datasheet HTML 3Page - Wall Industries,Inc. DCQEB100 Datasheet HTML 4Page - Wall Industries,Inc. DCQEB100 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
03/07/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 5
DATASHEET
Rev C
DCQEB100 SERIES
2:1 Input Voltage Ranges
Industry Standard Quarter-Brick Package
Up to 100 Watts, Single Outputs
DC/DC Power Converters
APPLICATIONS
 Telecom/Datacom
 Wireless Networks
 Industry Control Systems
 Semiconductor Equipment
 Distributed Power Architectures
OPTIONS
 Heatsinks
 Pin Lengths
 Thru-Hole Inserts
 Negative Logic Remote ON/OFF
FEATURES
 Up to 100 Watts Output Power
 Single Outputs
 Output Current up to 30A
 Industry Standard Quarter-Brick Package: 2.28” x 1.45” x 0.50”
 Under Voltage Lockout
 Fixed Switching Frequency
 Input to Output Isolation: 1600VDC
 2:1 Wide Input Voltage Range
 High Efficiency up to 90%
 No Minimum Load Required
 Adjustable Output Voltage
 Threaded Inserts and Thru-Hole Inserts Available
 Short Circuit, Over Voltage, Over Current, and Over Temp. Protection
 Compliant to RoHS EU Directive 2002/95/EC
 CE Mark Meets 2006/95/CE, 93/68/EEC, and 2004/108/EC
 UL60950-1, EN60950-1, and IEC60950-1 Safety Approvals (See Note 12)
DESCRIPTION
The DCQEB100 series of DC/DC power converters provides up to 100 Watts of output power in an industry standard 2.28”
x 1.45” x 0.50” quarter-brick package and footprint. This series consists of single output models with 2:1 input voltage
ranges of 18-36VDC or 36-75VDC. Some features include high efficiency up to 90%, adjustable output voltage, remote
sense, and positive or negative remote ON/OFF control. This series is RoHS compliant and has UL60950-1, EN60950-1,
and IEC60950-1 safety approvals (see note 12). Several different options are available for this series including negative
remote ON/OFF control, heatsinks, pin lengths, and thru-hole inserts. Please call factory for more details.


Similar Part No. - DCQEB100

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQEB125 WALL-DCQEB125 Datasheet
361Kb / 5P
Up to 125 Watts Output Power
DCQEB125-24S05 WALL-DCQEB125-24S05 Datasheet
361Kb / 5P
Up to 125 Watts Output Power
DCQEB125-24S12 WALL-DCQEB125-24S12 Datasheet
361Kb / 5P
Up to 125 Watts Output Power
DCQEB125-24S15 WALL-DCQEB125-24S15 Datasheet
361Kb / 5P
Up to 125 Watts Output Power
DCQEB125-24S3.3 WALL-DCQEB125-24S3.3 Datasheet
361Kb / 5P
Up to 125 Watts Output Power
More results

Similar Description - DCQEB100

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPD25 WALL-PSPD25 Datasheet
179Kb / 3P
Dual Output Up to 25 Watts AC/DC Power Supply
PSPD45 WALL-PSPD45 Datasheet
179Kb / 3P
Dual Output Up to 45 Watts AC/DC Power Supply
PSPD65 WALL-PSPD65 Datasheet
182Kb / 3P
Dual Output Up to 65 Watts AC/DC Power Supply
PSPS45 WALL-PSPS45 Datasheet
183Kb / 3P
Single Output Up to 48 Watts AC/DC Power Supply
PSPT45 WALL-PSPT45 Datasheet
188Kb / 3P
Triple Output Up to 45 Watts AC/DC Power Supply
PSPT65 WALL-PSPT65 Datasheet
184Kb / 3P
Triple Output Up to 68 Watts AC/DC Power Supply
logo
Power Mate Technology C...
HEC100-48S1P8 P-DUKE-HEC100-48S1P8 Datasheet
342Kb / 4P
100 WATTS MAXIMUM OUTPUT POWER
QEB100-24S3P3 P-DUKE-QEB100-24S3P3 Datasheet
313Kb / 4P
100 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
DCQEB50 WALL-DCQEB50 Datasheet
644Kb / 5P
Up to 50 Watts Output Power
DCQEB125 WALL-DCQEB125 Datasheet
361Kb / 5P
Up to 125 Watts Output Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com