Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCQEB100 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCQEB100
Description  Up to 100 Watts Output Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQEB100 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCQEB100 Datasheet HTML 1Page - Wall Industries,Inc. DCQEB100 Datasheet HTML 2Page - Wall Industries,Inc. DCQEB100 Datasheet HTML 3Page - Wall Industries,Inc. DCQEB100 Datasheet HTML 4Page - Wall Industries,Inc. DCQEB100 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev C
DCQEB100 Series
100W, Single Outputs
Quarter-Brick Package
DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
03/07/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 5
NOTES
1. BELLCORE TR-NWT-000332. Case 1: 80% Stress, Temperature at 40°C.
MIL-HDBK-217F Notice2 @Ta=25°C, Full load (Ground, Benign, controlled environment).
2. Maximum value at nominal input voltage and full load.
3. Typical value at nominal input voltage and no load.
4. Typical value at nominal input voltage and full load.
5. Maximum output deviation is +10% inclusive of trim. If remote sense is not being used the +SENSE should be connected to its corresponding
+OUTPUT and likewise the -SENSE should be connected to its corresponding –OUTPUT.
6. The remote ON/OFF control pin voltage is referenced to –INPUT. To order negative logic Remote ON/OFF control add the suffix “R” to the
model number (Ex: DCQEB100-48S05R).
7. Heatsink is optional and P/N: 7G-0029A-F, 7G-0030A-F, 7G-0031A-F, and 7G-0032A-F.
8. The DCQEB100 series meets EN55022 Class A and Class B only with external components added before the input pins to the converter.
9. An external input filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5. We recommend Nippon chemi-con KY series,
220µF/100V, ESR 48mΩ.
10. BASE-PLATE GROUNDING: EMI can be reduced when you connect the four screw bolts to the shield plane.
11. The converter is provided with basic insulation.
12. Safety Approvals: DCQEB100-48S1.8, 48S2.5, 48S3.3, and 48S05 have safety approvals; approvals pending for all other models.
13. This series comes with several different options: Negative remote ON/OFF control, pin lengths, thru-hole inserts, and heatsinks.
CAUTION: The power module is not internally fused. An input line fuse must always be used.
DERATING
-1
0 LFM
100 LFM
200 LFM
300 LFM
400 LFM
500 LFM
Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
120
100
80
60
40
20
0
DCQEB100-48S05 Derating Curve
0
20
40
60
80
100
120
12
0 LFM
100 LFM
200 LFM
300 LFM
400 LFM
500 LFM
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (°C)
DCQEB100-48S05 Derating Curve
With Heatsink 7G-0029A-F
MODEL SELECTION TABLE
Output Current
Input Current
Model Number
(12)
Input Voltage
Range
Output
Voltage
Min. load
Full load
Ripple & Noise
(4)
No Load
(3)
Full Load
(2)
Output Power
Efficiency
(4)
DCQEB100-24S3.3
3.3 VDC
0mA
25A
100mVp-p
80mA
3997mA
82.5W
89%
DCQEB100-24S05
5 VDC
0mA
20A
100mVp-p
120mA
4845mA
100W
90%
DCQEB100-24S12
12 VDC
0mA
8.33A
100mVp-p
50mA
4843mA
100W
90%
DCQEB100-24S15
24VDC
(18 - 36 VDC)
15 VDC
0mA
6.67A
100mVp-p
60mA
4847mA
100W
90%
DCQEB100-48S1.8
1.8 VDC
0mA
30A
100mVp-p
55mA
1389mA
54W
85%
DCQEB100-48S2.5
2.5 VDC
0mA
30A
100mVp-p
50mA
1883mA
75W
87%
DCQEB100-48S3.3
3.3 VDC
0mA
25A
100mVp-p
75mA
2022mA
82.5W
89%
DCQEB100-48S05
5 VDC
0mA
20A
100mVp-p
80mA
2422mA
100W
90%
DCQEB100-48S12
12 VDC
0mA
8.33A
100mVp-p
65mA
2422mA
100W
90%
DCQEB100-48S15
48 VDC
(36 - 75 VDC)
15 VDC
0mA
6.67A
100mVp-p
65mA
2424mA
100W
90%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com