Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCQEB100 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCQEB100
Description  Up to 100 Watts Output Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQEB100 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCQEB100 Datasheet HTML 1Page - Wall Industries,Inc. DCQEB100 Datasheet HTML 2Page - Wall Industries,Inc. DCQEB100 Datasheet HTML 3Page - Wall Industries,Inc. DCQEB100 Datasheet HTML 4Page - Wall Industries,Inc. DCQEB100 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev C
DCQEB100 Series
100W, Single Outputs
Quarter-Brick Package
DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
03/07/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 5 of 5
MECHANICAL DRAWING
Unit: inches (mm)
PIN CONNECTIONS
PIN
FUNCTION
PIN Ø
1
-INPUT
Ø.040 (1.02)
2
CTRL
Ø.040 (1.02)
3
+INPUT
Ø.040 (1.02)
4
-OUTPUT
Ø.060 (1.52)
5
-SENSE
Ø.040 (1.02)
6
TRIM
Ø.060 (1.52)
7
+SENSE
Ø.040 (1.02)
8
+OUTPUT
Ø.060 (1.52)
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by
using the method shown below.
7
6
TRIM UP
6
5
TRIM DOWN
RU
RD
1. Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin Pitch Tolerance: ±0.01 (±0.25)
3. Pin Dimension Tolerance: ±0.004 (±0.1)
PRODUCT OPTIONS
SUFFIX
PRODUCT OPTIONS
SUFFIX
0.200” pin length
none
7G-0029A-F
H
Positive remote ON/OFF logic
0.145” pin length
S
7G-0030A-F
H1
0.200” pin length
R
7G-0031A-F
H2
Negative remote ON/OFF logic
0.145” pin length
RL
Heatsinks
7G-0032A-F
H3
Thru-Hole Inserts
(1)
Ø0.126 (Ø3.2) thru-hole
(no thread) inserts
TH
NOTES
1. Models with thru-hole inserts cannot be equipped with a heatsink.
0.50 (12.7)
0.20
(5.1)
2.28 (57.9)
1.860 (47.24)
0.21
(5.3)
0.024 (0.6)
Threaded (Standard) 4-M3X0.5
Thru-Hole (Option) 4-Ø0.126 (Ø3.2)
BOTTOM VIEW
0.14
(3.6)
2.000 (50.80)
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working
closely with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to
provide ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss
your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)587-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com