Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCQEB100 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCQEB100
Description  Up to 100 Watts Output Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQEB100 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCQEB100 Datasheet HTML 1Page - Wall Industries,Inc. DCQEB100 Datasheet HTML 2Page - Wall Industries,Inc. DCQEB100 Datasheet HTML 3Page - Wall Industries,Inc. DCQEB100 Datasheet HTML 4Page - Wall Industries,Inc. DCQEB100 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev C
DCQEB100 Series
100W, Single Outputs
Quarter-Brick Package
DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
03/07/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 5
CHARACTERISTICS
36
40
44
48
52
56
60
64
68
72
75
Input Voltage (VDC)
DCQEB100-48S05 Efficiency vs Input Voltage
92
91
90
89
88
87
86
85
10
20
30
40
50
60
70
80
90
100
DCQEB100-48S05 Efficiency vs Output Load
95
90
85
80
75
70
65
60
Output Load (% of Full Load)
Recommended Filter for EN55022 Class B Compliance
+Vin
-Vin
+Vin
CASE
+Vo
-Vin
CASE
-Vo
C1 C2 C3
C7 C8 C9
C6
C4
C5
L1
L2
C10
C11
C12
C14
C13
C15
CHASSIS GROUND
SHIELD PLANE
Recommended EN55022 Class B Filter Circuit Layout
C1
C2
C3
C4
C5
685pF/50V
685pF/50V
685pF/50V
685pF/50V
1.5nF/3KV
C6
C7
C8
C9
C10
1.5nF/3KV
685pF/50V
685pF/50V
685pF/50V
0.1µF/50V
C11
C12
C13
C14
C15
0.1µF/50V
1.0nF/3KV
1.0nF/3KV
1.0nF/3KV
1.0nF/3KV
L1
L2
DCQEB100-24Sxx
1.37mH
1.37mH
C1
C2
C3
C4
C5
100µF/100V
1.5µF/100V
1.5µF/100V
1.5µF/100V
1.5nF/3KV
C6
C7
C8
C9
C10
1.5nF/3KV
47µF/100V
1.5µF/100V
1.5µF/100V
0.1µF/50V
C11
C12
C13
C14
C15
0.1µF/50V
1.0nF/3KV
1.0nF/3KV
1.0nF/3KV
1.0nF/3KV
L1
L2
DCQEB100-48Sxx
620µH
620µH
DCQEB
SERIES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com