Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDCQDP Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LDCQDP
Description  SMT ceramic package with silicone resin and silicone lens
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDCQDP Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LDCQDP Datasheet HTML 6Page - OSRAM GmbH LDCQDP Datasheet HTML 7Page - OSRAM GmbH LDCQDP Datasheet HTML 8Page - OSRAM GmbH LDCQDP Datasheet HTML 9Page - OSRAM GmbH LDCQDP Datasheet HTML 10Page - OSRAM GmbH LDCQDP Datasheet HTML 11Page - OSRAM GmbH LDCQDP Datasheet HTML 12Page - OSRAM GmbH LDCQDP Datasheet HTML 13Page - OSRAM GmbH LDCQDP Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2013-02-15
10
Version 1.0
LD CQDP
Relative Forward Voltage 6) page23
Relative Vorwärtsspannung 6) Seite 23
ΔVF = VF - VF(25°C) = f(Tj); IF = 350 mA
Relative Radiant Power 6) page 23
Relative Strahlungsleistung 6) Seite 23
ΦE/ΦE(25 °C) = f(Tj); IF = 350 mA
Dominant Wavelength 6) page 23
Dominante Wellenlänge 6) Seite 23
λdom = f(Tj); IF = 350 mA
OHL06031
-40-20 0 20 40 60 80100 135
-0.2
-0.1
0.0
0.1
0.2
ΔV
F (V)
T (°C)
j
(°C)
OHL06148
-40
-20
0
20
40
60
80
100 120
T j
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φ
E
Φ
E (25°C )
OHL06152
-40
-20
0
20
40
60
80
100 120
T j (°C)
400
420
440
460
480
500
λ dom (nm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com