Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDCQDP Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LDCQDP
Description  SMT ceramic package with silicone resin and silicone lens
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDCQDP Datasheet(HTML) 4 Page - OSRAM GmbH

  LDCQDP Datasheet HTML 1Page - OSRAM GmbH LDCQDP Datasheet HTML 2Page - OSRAM GmbH LDCQDP Datasheet HTML 3Page - OSRAM GmbH LDCQDP Datasheet HTML 4Page - OSRAM GmbH LDCQDP Datasheet HTML 5Page - OSRAM GmbH LDCQDP Datasheet HTML 6Page - OSRAM GmbH LDCQDP Datasheet HTML 7Page - OSRAM GmbH LDCQDP Datasheet HTML 8Page - OSRAM GmbH LDCQDP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2013-02-15
4
Version 1.0
LD CQDP
Characteristics (TS = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λpeak
451
nm
Dominant Wavelength 3)page 23
Dominantwellenlänge 3) Seite 23
(min.)
(typ.)
(max.)
λdom
λdom
λdom
439
455
461
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% Irel max
(typ.)
Δλ
20
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
150
°
Forward voltage 4) page 23
Durchlassspannung 4)Seite 23
(min.)
(typ.)
(max.)
VF
VF
VF
2.75
2.95
3.50
V
V
V
Reverse voltage
Sperrspannung
(max.)
VR
1.2
V
Real thermal resistance junction / solder point
5) page 23
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 23
(typ.)
(max.)
Rth JS real
Rth JS real
9.6
10.8
K/W
K/W
"Electrical" thermal resistance junction / solder
point 5)page 23
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 5)Seite 23
(with efficiency ηe = 52 %)
(typ.)
(max.)
Rth JS el
Rth JS el
4.6
5.2
K/W
K/W
Note: Individual forward voltage groups see next page
Anm.: Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com