Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDCQDP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LDCQDP
Description  SMT ceramic package with silicone resin and silicone lens
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDCQDP Datasheet(HTML) 5 Page - OSRAM GmbH

  LDCQDP Datasheet HTML 1Page - OSRAM GmbH LDCQDP Datasheet HTML 2Page - OSRAM GmbH LDCQDP Datasheet HTML 3Page - OSRAM GmbH LDCQDP Datasheet HTML 4Page - OSRAM GmbH LDCQDP Datasheet HTML 5Page - OSRAM GmbH LDCQDP Datasheet HTML 6Page - OSRAM GmbH LDCQDP Datasheet HTML 7Page - OSRAM GmbH LDCQDP Datasheet HTML 8Page - OSRAM GmbH LDCQDP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Version 1.0
LD CQDP
2013-02-15
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 4) page 23
Durchlassspannungsgruppe 4) Seite 23
Group
Radiant Power 1) page 23
Radiant Power 1) page 23
Gruppe
Strahlungsleistung 1) Seite 23
Strahlungsleistung 1)Seite 23
(min.) ΦE [mW]
(max.) ΦE [mW]
3T
355
400
4T
400
450
1U
450
500
2U
500
560
3U
560
630
Note: The standard shipping format for serial types includes either a lower family group, an upper family group or
a grouping of all individual brightness groups of only a few brightness groups. Individual brightness groups
cannot be ordered.
Anm.: Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen bestehen. Einzelne
Helligkeitsgruppen sind nicht bestellbar.
Group
Gruppe
(min.) VF [V]
(max.) VF [V]
3
2.75
3.00
4
3.00
3.25
5
3.25
3.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com