Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTG5AP Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LTG5AP
Description  white P-LCC-4 package, colorless clear silicone resin, clear silicone lens
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTG5AP Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LTG5AP Datasheet HTML 4Page - OSRAM GmbH LTG5AP Datasheet HTML 5Page - OSRAM GmbH LTG5AP Datasheet HTML 6Page - OSRAM GmbH LTG5AP Datasheet HTML 7Page - OSRAM GmbH LTG5AP Datasheet HTML 8Page - OSRAM GmbH LTG5AP Datasheet HTML 9Page - OSRAM GmbH LTG5AP Datasheet HTML 10Page - OSRAM GmbH LTG5AP Datasheet HTML 11Page - OSRAM GmbH LTG5AP Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LD G5AP, LT G5AP
2009-10-13
8
Durchlassstrom
2) Seite 18
Forward Current
2) page 18
I
F = f (VF); TA = 25 °C
solid line: specified DC-range
Relative Lichtstärke
2) 5) Seite 18
Relative Luminous Intensity
2) 5) page 18
I
V/IV(100 mA) = f (IF); TA = 25 °C; true green
solid line: specified DC-range
Relative Strahlstärke
2) 5) Seite 18
Relative Radiant Intensity
2) 5) page 18
I
E/IE(100 mA) = f (IF); TA = 25 °C; deep blue
solid line: specified DC-range
OHL03809
mA
2.5
F
V
F
I
V
2.7 2.9 3.1 3.3 3.5 3.7
4.1
103
2
10
5
1
10
5
OHL03804
I
F
10
1
510
2
10
mA
3
101
-1
10
5
100
(100 mA)
V
I
V
I
OHL03805
I
F
10
1
510
2
10
mA
3
101
-1
10
5
100
(100 mA)
E
I
E
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com