Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTG5AP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LTG5AP
Description  white P-LCC-4 package, colorless clear silicone resin, clear silicone lens
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTG5AP Datasheet(HTML) 5 Page - OSRAM GmbH

  LTG5AP Datasheet HTML 1Page - OSRAM GmbH LTG5AP Datasheet HTML 2Page - OSRAM GmbH LTG5AP Datasheet HTML 3Page - OSRAM GmbH LTG5AP Datasheet HTML 4Page - OSRAM GmbH LTG5AP Datasheet HTML 5Page - OSRAM GmbH LTG5AP Datasheet HTML 6Page - OSRAM GmbH LTG5AP Datasheet HTML 7Page - OSRAM GmbH LTG5AP Datasheet HTML 8Page - OSRAM GmbH LTG5AP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LD G5AP, LT G5AP
2009-10-13
5
Wellenlängengruppen (Dominantwellenlänge)
3) Seite 18 /
Wavelength Groups (Dominant Wavelength)
3) page 18
Gruppe
Group
deep blue
true green
Einheit
Unit
min.
max.
min.
max.
3
448
454
519
525
nm
4
454
460
525
531
nm
5
460
466
531
537
nm
6
537
543
nm
Durchlassspannungsgruppen
4) Seite 18
Forward Voltage Groups
4) page 18
Gruppe
Group
deep blue / true green
Einheit
Unit
min.
max.
L
2.80
3.25
V
M
3.15
3.65
V
H
3.55
4.00
V
Helligkeits-Gruppierungsschema (tief blau)
Brightness Groups (deep blue)
Helligkeitsgruppe
Brightness Group
Strahlstärke
1) Seite 18
Radiant Intensity
1) page 18
Ι
E (mW/sr)
2M
3M
4M
1N
2N
20.1 … 22.4
22.4 … 25.0
25.0 … 28.0
28.0 … 32.0
32.0 … 35.5
Anm.:
Die
Standardlieferform
von
Serientypen
beinhaltet
eine
Familiengruppe.
Diese
besteht
aus
6 Helligkeitsgruppen.
Einzelne Helligkeitsgruppen sind nicht bestellbar.
Note:
The standard shipping format for serial types includes a family group of 6 individual brightness groups.
Individual brightness groups cannot be ordered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com