Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCV2G66DP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVCV2G66DP
Description  Overvoltage tolerant bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCV2G66DP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVCV2G66DP Datasheet HTML 7Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 8Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 9Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 10Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 11Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 12Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 13Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 14Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
9397 750 13027
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 2 April 2004
11 of 23
Philips Semiconductors
74LVCV2G66
Overvoltage tolerant bilateral switch
[2]
tPHL and tPLH propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified
capacitance when driven by an ideal voltage source (zero output impedance).
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N where:
fi = input frequency in MHz;
VCC = supply voltage in V;
N = number of inputs.
[4]
The condition is VI = GND to 5.5 V.
13. Waveforms
Measurement points are given in Table 11.
Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 10. Input (Y or Z) to output (Z or Y) propagation delays.
Table 11:
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
2.3 V to 2.7 V
0.5
× VCC
0.5
× VCC
2.7 V
1.5 V
1.5 V
3.0 V to 3.6 V
1.5 V
1.5 V
4.5 V to 5.5 V
0.5
× VCC
0.5
× VCC
001aaa541
tPLH
tPHL
VM
VM
VM
VM
nY or nZ
input
nZ or nY
output
GND
VI
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com