Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCV2G66DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVCV2G66DP
Description  Overvoltage tolerant bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCV2G66DP Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVCV2G66DP Datasheet HTML 1Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 2Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 3Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 4Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 5Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 6Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 7Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 8Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
9397 750 13027
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 2 April 2004
3 of 23
Philips Semiconductors
74LVCV2G66
Overvoltage tolerant bilateral switch
6.
Functional diagram
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 1.
Logic symbol.
Fig 2.
IEC logic symbol.
Fig 3.
Logic diagram.
001aaa530
2Y
2E
2Z
1Z
1Y
1E
001aaa531
2
1
1
X1
1
1
X1
7#
#
1
6
3
5
001aaa532
Y
VCC
Z
E
Fig 4.
Pin configuration.
66
1Z
VCC
1Y
1E
2E
2Y
GND
2Z
001aaa529
1
2
3
4
6
5
8
7
Table 4:
Pin description
Pin
Symbol
Description
1
1Z
independent input/output (overvoltage tolerance)
2
1Y
independent input/output
3
2E
enable input (active HIGH)
4
GND
ground (0 V)
5
2Z
independent input/output (overvoltage tolerance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com