Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCV2G66DP Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 74LVCV2G66DP
Description  Overvoltage tolerant bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCV2G66DP Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 74LVCV2G66DP Datasheet HTML 12Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 13Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 14Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 15Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 16Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 17Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 18Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 19Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
9397 750 13027
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 2 April 2004
16 of 23
Philips Semiconductors
74LVCV2G66
Overvoltage tolerant bilateral switch
Fig 14. Test circuit for measuring the frequency response when switch is in ON-state.
Fig 15. Test circuit for measuring feed-through attenuation when switch is in OFF-state.
Fig 16. Test circuit for measuring crosstalk between control input and output.
001aaa543
Z or Y
Y or Z
fi
GND
50
Ω
0.1
µF
VCC
0.5VCC
VIH
dB
CL
RL
E
001aaa545
Z or Y
Y or Z
fi
GND
50
Ω
0.1
µF
VCC
0.5VCC
0.5VCC
VIL
dB
CL
RL
RL
E
001aaa546
Z or Y
Y or Z
GND
50
Ω
VCC
0.5VCC
0.5VCC
VO
CL =
50 pF
Ri = 600 Ω
RL = 600 Ω
E
logic
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com