Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCV2G66DP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVCV2G66DP
Description  Overvoltage tolerant bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCV2G66DP Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVCV2G66DP Datasheet HTML 1Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 2Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 3Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 4Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 5Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 6Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 7Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 8Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
9397 750 13027
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 2 April 2004
2 of 23
Philips Semiconductors
74LVCV2G66
Overvoltage tolerant bilateral switch
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N where:
fi = input frequency in MHz;
VCC = supply voltage in V;
N = number of inputs.
[2]
The condition is VI = GND to 5.5 V.
4.
Ordering information
5.
Marking
tPHZ, tPLZ turn-off time E to
Y or Z
CL = 50 pF; RL = 500 Ω
VCC = 3.0 V to 3.6 V
1.0
6.5
13.5
ns
VCC = 4.5 V to 5.5 V
1.0
4.4
9.0
ns
CI
input capacitance
-
2.5
-
pF
CS
switch capacitance
OFF-state
-
8.0
-
pF
ON-state
-
16
-
pF
CPD
power dissipation
capacitance per
switch
fi = 10 MHz;
VCC = 3.3 V
[1] [2] -
10.3
-
pF
Table 1:
Quick reference data …continued
GND = 0 V; tr =tf ≤ 2.5 ns; min and max at Tamb = −40 °C to +85 °C; typical at Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2:
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVCV2G66DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74LVCV2G66DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
Table 3:
Marking
Type number
Marking code
74LVCV2G66DP
Y66
74LVCV2G66DC
Y66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com