Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2131 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2131
Description  High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2131 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2131 Datasheet HTML 1Page - Monolithic Power Systems MP2131 Datasheet HTML 2Page - Monolithic Power Systems MP2131 Datasheet HTML 3Page - Monolithic Power Systems MP2131 Datasheet HTML 4Page - Monolithic Power Systems MP2131 Datasheet HTML 5Page - Monolithic Power Systems MP2131 Datasheet HTML 6Page - Monolithic Power Systems MP2131 Datasheet HTML 7Page - Monolithic Power Systems MP2131 Datasheet HTML 8Page - Monolithic Power Systems MP2131 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP2131 – 4 A, 5.5 V, 1.2 MHZ SYNCHRONOUS STEP-DOWN CONVERTER
MP2131 Rev.1.0
www.MonolithicPower.com
4
5/6/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.6 V, TJ = -40°C to +125°C, typical value is tested at TJ = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Feedback voltage
VFB
2.7 V ≤ VIN ≤ 5.5 V,
TJ = 25°C
594
600
606
mV
Feedback voltage
VFB
2.7 V ≤ VIN ≤ 5.5 V
588
600
612
mV
Feedback current
IFB
VFB = 0.63 V
10
50
nA
PFET switch on resistance
RDSON_P VIN = 5 V
35
mΩ
NFET switch on resistance
RDSON_N VIN = 5 V
18
mΩ
Switch leakage
VEN = 0 V, VIN = 5.5 V
VSW =0 V and 5.5 V,
TJ=25°C
0
5
μA
PFET peak current limit
(5)
TJ=25°C
5.5
7.5
A
NFET valley current limit
(5)
3.5
A
VIN = 5 V, VOUT = 1.2 V
200
On time
TON
VIN = 3.6 V, VOUT = 1.2 V
280
ns
Switching frequency
Fs
VOUT =1.2 V
1200
kHz
Minimum off time
TMIN-OFF
100
ns
Minimum on time
(6)
TMIN-On
80
ns
Soft-start time
TSS-ON
From 10% VOUT to 90%
VOUT
0.5
ms
Soft-stop time
TSS-OFF
From 90% VOUT to 10%
VOUT
0.8
ms
Power good upper trip threshold
FB with respect to the
regulation
+10
%
Power good lower trip threshold
-10
%
Power good delay
Rising
90
μs
Power good sink current
capability
VPG_LO
Sink 1 mA
0.4
V
Power good logic-high voltage
VPG_HI
VIN = 5 V,VFB = 0.63 V
4.9
V
Power good internal pull-up
resistor
RPG
400
kΩ
Under-voltage lockout
threshold—rising
-40
oC ≤ TJ ≤ 85oC
2.48
2.68
V
Under-voltage lockout
threshold—hysteresis
450
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com