Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2131 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2131
Description  High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2131 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2131 Datasheet HTML 1Page - Monolithic Power Systems MP2131 Datasheet HTML 2Page - Monolithic Power Systems MP2131 Datasheet HTML 3Page - Monolithic Power Systems MP2131 Datasheet HTML 4Page - Monolithic Power Systems MP2131 Datasheet HTML 5Page - Monolithic Power Systems MP2131 Datasheet HTML 6Page - Monolithic Power Systems MP2131 Datasheet HTML 7Page - Monolithic Power Systems MP2131 Datasheet HTML 8Page - Monolithic Power Systems MP2131 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP2131
High Efficiency, 4 A, 5.5 V, 1.2 MHz
Synchronous Step-Down Converter
MP2131 Rev.1.0
www.MonolithicPower.com
1
5/6/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2131 is a monolithic step-down, switch-
mode converter with built-in internal power
MOSFETs. It achieves a 4 A continuous output
current from a 2.7 V to 5.5 V input voltage with
excellent load and line regulation. The MP2131
is ideal for powering portable equipment that
run from a single cell lithium-ion (Li+) battery.
The output voltage is regulated as low as 0.6 V.
The constant-on-time (COT) control scheme
provides fast transient response, high light-load
efficiency, and eases loop stabilization.
Fault
condition
protection
includes
cycle-by-cycle
current
limit
and
thermal
shutdown.
The MP2131 requires a minimum number of
readily
available,
standard,
external
components and is available in an ultra-small
QFN-12 (2mm x 2mm) package.
The MP2131 is ideal for a wide range of
applications including portable instruments,
small handheld and battery–powered devices,
PDAs, and DVD drives.
FEATURES
• Wide 2.7 V to 5.5 V Operating Input Range
• Output Voltage as Low as 0.6 V
• 4 A Output Current
• 35 mΩ and 18 mΩ Internal Power MOSFET
• Above 96% Peak Efficiency
• Above 80% Light Load Efficiency
• Low IQ: 19 μA
• 1.2 MHz Frequency
• 100% Duty Cycle in Dropout
• 0.5 ms Internal Soft-Start Time
• EN and Power Good for Power Sequencing
• Auto Discharge at EN Off
• Short-Circuit Protection with Hiccup Mode
• Available in a QFN-12 (2mm x 2mm)
Package
APPLICATIONS
•
Storage Drives
•
Portable/Handheld Devices
•
Wireless/Networking Cards
• Low Voltage I/O System Power
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP2131

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2131GG MPS-MP2131GG Datasheet
490Kb / 6P
4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
More results

Similar Description - MP2131

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
logo
Analog Devices
ADP2118 AD-ADP2118 Datasheet
1Mb / 24P
3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
REV. 0
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS54428 TI1-TPS54428_16 Datasheet
1Mb / 29P
4-A Synchronous Step-Down Converter
TPS62040 TI1-TPS62040_16 Datasheet
1Mb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP8864 MPS-MP8864 Datasheet
1Mb / 29P
High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
logo
List of Unclassifed Man...
DIO6011 ETC1-DIO6011 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com