Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2131 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2131
Description  High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2131 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2131 Datasheet HTML 1Page - Monolithic Power Systems MP2131 Datasheet HTML 2Page - Monolithic Power Systems MP2131 Datasheet HTML 3Page - Monolithic Power Systems MP2131 Datasheet HTML 4Page - Monolithic Power Systems MP2131 Datasheet HTML 5Page - Monolithic Power Systems MP2131 Datasheet HTML 6Page - Monolithic Power Systems MP2131 Datasheet HTML 7Page - Monolithic Power Systems MP2131 Datasheet HTML 8Page - Monolithic Power Systems MP2131 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP2131 – 4 A, 5.5 V, 1.2 MHZ SYNCHRONOUS STEP-DOWN CONVERTER
MP2131 Rev.1.0
www.MonolithicPower.com
5
5/6/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.6 V, TJ = -40°C to +125°C, typical value is tested at TJ = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
EN input logic-low voltage
0.4
V
EN input logic-high voltage
1.2
V
VEN = 2 V
2
μA
EN input current
VEN = 0 V
0
μA
Supply current (shutdown)
VEN = 0 V, TJ = 25°C
0
1
μA
Supply current (quiescent)
VEN = 2 V, VFB = 0.63 V,
VIN = 3.6 V, TJ = 25°C
19
25
μA
Thermal shutdown
(6)
155
°C
Thermal hysteresis
(6)
25
°C
NOTES:
5) Guaranteed by engineering sample characterization.
6) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com