Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2131 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2131
Description  High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2131 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2131 Datasheet HTML 7Page - Monolithic Power Systems MP2131 Datasheet HTML 8Page - Monolithic Power Systems MP2131 Datasheet HTML 9Page - Monolithic Power Systems MP2131 Datasheet HTML 10Page - Monolithic Power Systems MP2131 Datasheet HTML 11Page - Monolithic Power Systems MP2131 Datasheet HTML 12Page - Monolithic Power Systems MP2131 Datasheet HTML 13Page - Monolithic Power Systems MP2131 Datasheet HTML 14Page - Monolithic Power Systems MP2131 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP2131 – 4A, 5.5V, 1.2MHZ SYNCHRONOUS STEP-DOWN SWITCHER
MP2131 Rev.1.0
www.MonolithicPower.com
11
5/6/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The MP2131 uses constant-on-time (COT)
control with input voltage feed forward to
stabilize the switching frequency over a full
input range. At light load, the MP2131 employs
a power-save mode that forces the part to
operate in discontinuous conduction mode
(DCM) to improve efficiency.
Constant-On-time (COT) Control
Compared to fixed frequency PWM control,
constant-on-time (COT) control offers the
advantage of a simpler control loop and faster
transient response. By using input voltage feed
forward, the MP2131 maintains a nearly
constant switching frequency across the input
and output voltage range. The on time of the
switching pulse can be estimated using
Equation (1):
OUT
ON
IN
V
T0.833 s
V
=⋅
μ
(1)
To prevent inductor current runaway during
load transient, the MP2131 fixes the minimum
off time at 100 ns. However, this minimum off
time limit will not affect operation in steady state.
AAM Operation at Light Operation
The MP2131 has advanced asynchronous
modulation (AAM) power-save mode with a
current zero-crossing detector (ZCD) circuit for
light load.
AAM current (IAAM) is fixed internally. If the high-
side MOSFET (HS-FET) on time is less than
the AAM blanking time (600 ns, typically), AAM
is disabled, and the HS-FET on time is
determined by the loop. Otherwise, the HS-FET
turns on until IL reaches the value set by the
AAM current. Simplified AAM control is shown
in Figure 2.
HS_ driver
VREF
VFB
COT
Generator
EN
IAAM
IL_ sense
R
SQ
FBCOMP
AAMCOMP
Figure 2—Simplified AAM control logic
The AAM threshold decreases as Ton gradually
increases (see Figure 3).
Figure 3—AAM vs. on time
The MP2131 has a current zero-crossing
detector (ZCD) circuit to monitor if the inductor
current begins to reverse. When the inductor
current reaches the ZCD threshold, the low-side
MOSFET (LS-FET) is turned off.
The combination of AAM mode and the ZCD
circuit allow the MP2131 to always operate in
DCM at light load, even if the VOUT voltage is
close to VIN.
Enable (EN)
When the input voltage is greater than the
under-voltage
lockout
threshold
(2.48
V,
typically), the MP2131 is enabled by pulling EN
higher than 1.2 V. Floating EN or pulling it down
to ground disables the MP2131. There is an
internal 1 megohm resistor from EN to ground.
Soft Start/Stop
The MP2131 has a built-in soft start that ramps
up the output voltage in a controlled slew rate,
avoiding overshoot at start-up. The soft-start
time is about 0.5 ms typically. When EN shuts
down, ZCD is disabled, and the MP2131 ramps
down the internal reference, thus allowing the
load to discharge the output linearly. The soft-
stop time is typically 0.8 ms.
Power Good Indicator (PG)
The MP2131 has an open drain with a 400 kΩ
pull-up resistor pin for the power good indicator
(PG). When FB is within +/-10% of the
regulation voltage (i.e., 0.6 V), PG is pulled up
to VIN by the internal resistor. If the FB voltage
is out of the +/-10% window, PG is pulled down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com