Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2160 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2160
Description  1.2A Peak, 6V, 3.5MHz, COT Synchronous Step Down Switcher
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2160 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2160 Datasheet HTML 1Page - Monolithic Power Systems MP2160 Datasheet HTML 2Page - Monolithic Power Systems MP2160 Datasheet HTML 3Page - Monolithic Power Systems MP2160 Datasheet HTML 4Page - Monolithic Power Systems MP2160 Datasheet HTML 5Page - Monolithic Power Systems MP2160 Datasheet HTML 6Page - Monolithic Power Systems MP2160 Datasheet HTML 7Page - Monolithic Power Systems MP2160 Datasheet HTML 8Page - Monolithic Power Systems MP2160 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP2160 – 1.2A PEAK, 6V, 3.5MHz SYNCHRONOUS STEP-DOWN SWITCHER
MP2160 Rev. 1.03
www.MonolihicPower.com
4
7/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 5V, VOUT = 1.2V, L = 0.47µH, TA = +25ºC, unless otherwise noted.
Quiescent Current
vs. Temperature
Vfb vs. Temperature
Vin_UVLO_Rising
vs. Temperature
LOAD CURRENT(A)
VIN (V)
Shutdown Current
vs. Input Voltage
Vout vs. Vin
Load Regulation
Thermal Rising
vs. Load Current
VIN (V)
LOAD CURRENT(A)
VIN (V)
Quiescent Current
vs. Input Voltage
0
5
10
15
20
25
30
2 2.5 3 3.5 4 4.5 5 5.5 6 6.5
0
0.05
0.1
0.15
0.2
0.25
0.3
2 2.5 3 3.5 4 4.5 5 5.5 6 6.5
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
3.4
3.45
3.5
3
3.5
4
4.5
5
5.5
6
6.5
IOUT=1A
IOUT=0A
IOUT=0.5A
-0.05
-0.04
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0.04
0.05
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VIN=5V
VIN=2.5V
VIN=6V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0
0.2
0.4
0.6
0.8
1
1.2
LOAD CURRENT(A)
Efficiency
VOUT=2.5V
50
55
60
65
70
75
80
85
90
95
100
0.0001 0.001 0.01
0.1
1
10
VIN=5V
VIN=3.6V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50 -30 -10 10 30 50 70 90110130
0
5
10
15
20
25
30
35
40
45
50
-50 -30 -10 10 30 50 70 90110130
540
550
560
570
580
590
600
610
620
630
640
650
-50 -30 -10 10 30 50 70 90110130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com