Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2160 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2160
Description  1.2A Peak, 6V, 3.5MHz, COT Synchronous Step Down Switcher
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2160 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2160 Datasheet HTML 5Page - Monolithic Power Systems MP2160 Datasheet HTML 6Page - Monolithic Power Systems MP2160 Datasheet HTML 7Page - Monolithic Power Systems MP2160 Datasheet HTML 8Page - Monolithic Power Systems MP2160 Datasheet HTML 9Page - Monolithic Power Systems MP2160 Datasheet HTML 10Page - Monolithic Power Systems MP2160 Datasheet HTML 11Page - Monolithic Power Systems MP2160 Datasheet HTML 12Page - Monolithic Power Systems MP2160 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MP2160 – 1.2A PEAK, 6V, 3.5MHz SYNCHRONOUS STEP-DOWN SWITCHER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP2160 Rev. 1.03
www.MonolithicPower.com
13
7/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN8 (1.5X2.0mm)
SIDE VIEW
BOTTOM VIEW
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE
MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.10
MILLIMETERS MAX.
4) JEDEC REFERENCE IS MO-220.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
MARKING
TOP VIEW
PIN 1 ID
INDEX AREA
RECOMMENDED LAND PATTERN
PIN 1 ID
0.125 X 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com