Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2160 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2160
Description  1.2A Peak, 6V, 3.5MHz, COT Synchronous Step Down Switcher
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2160 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2160 Datasheet HTML 1Page - Monolithic Power Systems MP2160 Datasheet HTML 2Page - Monolithic Power Systems MP2160 Datasheet HTML 3Page - Monolithic Power Systems MP2160 Datasheet HTML 4Page - Monolithic Power Systems MP2160 Datasheet HTML 5Page - Monolithic Power Systems MP2160 Datasheet HTML 6Page - Monolithic Power Systems MP2160 Datasheet HTML 7Page - Monolithic Power Systems MP2160 Datasheet HTML 8Page - Monolithic Power Systems MP2160 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP2160
1.2A Peak, 6V, 3.5MHz, COT
Synchronous Step Down Switcher
MP2160 Rev. 1.03
www.MonolihicPower.com
1
7/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2160 is a monolithic step-down switch
mode converter with built-in internal power
MOSFETs. It achieves 1.2A peak continuous
output current from a 2.7V to 6V input voltage
with excellent load and line regulation. The
output voltage can be regulated as low as 0.6V.
The
Constant-On-Time
control
scheme
provides fast transient response and eases loop
stabilization. Fault condition protection includes
cycle-by-cycle current limiting and thermal
shutdown.
The MP2160 is available in the small QFN8
1.5x2.0mm package and requires a minimum
number of readily available standard external
components.
The MP2160 is ideal for a wide range of
applications including High Performance DSPs,
FPGAs, PDAs, portable instruments and DVD
drivers.
FEATURES
 Wide 2.7V to 6V Operating Input Range
Output Adjustable from 0.6V
 Up to 1.2A Peak Output Current
 100% Duty Cycle in Dropout
 Low IQ: 17μA
 100mΩ and 60mΩ Internal Power MOSFET
Switches
 Default 3.5MHz Switching Frequency
 EN and Power Good for Power Sequencing
 Cycle-by-Cycle Over Current Protection
 Short Circuit Protect with Hiccup Mode
 Stable with Low ESR Output Ceramic
Capacitors
 Available in a QFN8 1.5x2.0mm Package
APPLICATIONS
 Wireless Card
 DVD Drivers
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive.
For MPS green status, please visit MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2160
FB
VIN
C1
10 F
EN
VIN
2.7V to 6V
VOUT
1.2V/1A
SW
C2
10 F
R1
40k
R2
40k
PG
AGND PGND
EN
PG
OUT
L1
0.47 H
LOAD CURRENT(A)
Efficiency
VOUT=2.5V
50
55
60
65
70
75
80
85
90
95
100
0.0001 0.001 0.01
0.1
1
10
VIN=5V
VIN=3.6V


Similar Part No. - MP2160

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP21600 MPS-MP21600 Datasheet
1Mb / 17P
0.6A, Synchronous, Step-Down Converter with 11關A IQ in Ultra-Small 1x1.5mm QFN
MP21600GQD MPS-MP21600GQD Datasheet
1Mb / 17P
0.6A, Synchronous, Step-Down Converter with 11關A IQ in Ultra-Small 1x1.5mm QFN
MP2160GQH MPS-MP2160GQH Datasheet
542Kb / 6P
1.2A Peak, 6V, 3.5MHz Synchronous Step-Down Switcher Evaluation Board
More results

Similar Description - MP2160

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0033 MPS-EV0033 Datasheet
217Kb / 5P
1.2A, 6V, 800KHz Synchronous Rectified Step-Down Converter
EV0060 MPS-EV0060 Datasheet
207Kb / 5P
1.2A, 6V, 800KHz Synchronous Rectified Step-Down Converter
MP2159 MPS-MP2159 Datasheet
448Kb / 13P
1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2161 MPS-MP2161 Datasheet
385Kb / 13P
2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2187 MPS-MP2187 Datasheet
440Kb / 18P
Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
EV2160-QH-00A MPS-EV2160-QH-00A Datasheet
542Kb / 6P
1.2A Peak, 6V, 3.5MHz Synchronous Step-Down Switcher Evaluation Board
EVM3805-QB-00A MPS-EVM3805-QB-00A Datasheet
148Kb / 4P
6V, 0.6A Synchronous Step-Down Switcher Evaluation Board
EVM3805-QB-01A MPS-EVM3805-QB-01A Datasheet
394Kb / 5P
6V, 0.6A Synchronous Step-Down Switcher Evaluation Board
EVM3810-QB-00A MPS-EVM3810-QB-00A Datasheet
154Kb / 4P
6V, 1.2A Peak Synchronous Step-Down Switcher Evaluation Board
EVM3810-QB-01A MPS-EVM3810-QB-01A Datasheet
176Kb / 5P
6V, 1.2A Peak Synchronous Step-Down Switcher Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com