Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2160 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2160
Description  1.2A Peak, 6V, 3.5MHz, COT Synchronous Step Down Switcher
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2160 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2160 Datasheet HTML 1Page - Monolithic Power Systems MP2160 Datasheet HTML 2Page - Monolithic Power Systems MP2160 Datasheet HTML 3Page - Monolithic Power Systems MP2160 Datasheet HTML 4Page - Monolithic Power Systems MP2160 Datasheet HTML 5Page - Monolithic Power Systems MP2160 Datasheet HTML 6Page - Monolithic Power Systems MP2160 Datasheet HTML 7Page - Monolithic Power Systems MP2160 Datasheet HTML 8Page - Monolithic Power Systems MP2160 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP2160 – 1.2A PEAK, 6V, 3.5MHz SYNCHRONOUS STEP-DOWN SWITCHER
MP2160 Rev. 1.03
www.MonolihicPower.com
5
7/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, VOUT = 1.2V, L = 0.47µH, TA = +25ºC, unless otherwise noted.
Output Ripple
IOUT =1A
VIN Power Up without
Load
VIN Power Up with 1A
Load
VIN Shut Down without
Load
VIN Shut Down with 1A
Load
EN Start Up without Load
EN Start Up with 1A
Load
EN Shut Down without
Load
VSW
2V/div.
VOUT
AC Coupled
10mV/div.
IOUT
1A/div.
VOUT
1V/div.
VIN
5V/div.
VSW
5V/div.
IOUT
1A/div.
VOUT
1V/div.
VIN
5V/div.
VSW
5V/div.
IOUT
5A/div.
VOUT
1V/div.
VIN
5V/div.
VSW
5V/div.
IOUT
1A/div.
VOUT
1V/div.
VEN
5V/div.
VSW
5V/div.
IOUT
1A/div.
VOUT
1V/div.
VEN
5V/div.
VSW
5V/div.
IOUT
1A/div.
VOUT
1V/div.
VEN
5V/div.
VSW
5V/div.
IOUT
1A/div.
VOUT
1V/div.
VEN
5V/div.
VSW
5V/div.
IOUT
1A/div.
VOUT
1V/div.
VIN
5V/div.
VSW
5V/div.
IOUT
1A/div.
EN Shut Down with 1A
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com