Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2823 Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT2823
Description  Dual Cell Li-Ion Battery Charger and Power Bank Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2823 Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT2823 Datasheet HTML 12Page - Active-Semi, Inc ACT2823 Datasheet HTML 13Page - Active-Semi, Inc ACT2823 Datasheet HTML 14Page - Active-Semi, Inc ACT2823 Datasheet HTML 15Page - Active-Semi, Inc ACT2823 Datasheet HTML 16Page - Active-Semi, Inc ACT2823 Datasheet HTML 17Page - Active-Semi, Inc ACT2823 Datasheet HTML 18Page - Active-Semi, Inc ACT2823 Datasheet HTML 19Page - Active-Semi, Inc ACT2823 Datasheet HTML 20Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
ACT2823
REV 1, 01-DEC-2016
Innovative PowerTM
ActiveSwitcherTM
is a trademark of Active-Semi.
16
)
5
(
)
(
)
(
2160
)
(
k
R
m
R
I
k
mV
V
IMC
CS
BAT
IMC
As an example, if RCS=50mΩ, RIMC=216kΩ, and the
battery charging current is 1.5A, then the ACT2813
increases the LED voltage threshold by 750mV.
LED Hysteresis Window Setting
The LED Hysteresis Window compensates for the
increase and decrease in battery voltage associated
with charging and discharging. It provides fixed voltage
adjustment to the LED threshold settings. When in the
battery is charging, the LED threshold settings are
increased by the LED hysteresis voltage. When the
battery is discharging, the LED threshold settings are
decreased by the LED hysteresis voltage. This setting
has no effect in HZ Mode. Connecting a resistor
between the HYST pin and AGND program the
hysteresis between adjusts for battery impedances
between 0mV and 720mV. Note that the ACT2823 has
100mV of built in hysteresis that cannot be changed.
The following equations calculate the proper RHYST
resistance. Note that LED1 and LED2 use one equation
while LED3 and LED4 use another equation.

)
6
(
)
(
32.4k
k
R
2
:
1
:2
1
HYST
V
V
HYST

)
7
(
)
(
27k
k
R
4
:
3
:4
3
HYST
V
V
HYST
Where VHYST is the desired LED hysteresis in volts.
RHYST(1) = 54kΩ to set LED1 hysteresis equal to 600mV.
RHYST(3) = 45kΩ to set LED3 hysteresis equal to 600mV.
The following table provides RHYSTvalues for different
hysteresis voltages.
RHYST (kΩ)
LED1
VHYST
LED2
VHYST
LED3
VHYST
LED4
VHYST
Floating
0mV
0mV
0mV
0mV
270
120mV
120mV
100mV
100mV
135
240mV
240mV
200mV
200mV
90
360mV
360mV
300mV
300mV
67.5
480mV
480mV
400mV
400mV
54
600mV
600mV
500mV
500mV
45
720mV
720mV
600mV
600mV
LED Trigger Voltage
The battery voltage that triggers each LED to turn on
and off is a function of the LED voltage threshold, the
impedance compensation voltage, the LED hysteresis
setting, and whether the battery is charging or
discharging. The figure below graphically shows the
LED trip points as a function of these inputs.
Charging LED
Threshold - Rising
Charging LED
Threshold - Falling
Discharging LED
Threshold - Rising
Discharging LED
Threshold - Falling
VIMC
VHYST
VIMC
VHYST
100mV Internal
Hysteresis
100mV Internal
Hysteresis
VLEDx
Figure 6: LED threshold setting
BATTERY TEMPERATURE MONITERING
The ACT2823 monitors the battery pack temperature by
measuring the voltage at the TH pin. The TH pin is
connected to the thermistor resistor network which
includes a negative temperature coefficient thermistor.
An internal current source provides a bias current to
generate a voltage on the TH pin. The ACT2823
compares the voltage at the TH pin with the internal
VTHH and VTHL thresholds to determine if charging or
discharging is allowed. Charging latches off and triggers
a fault in the I2C register 0x08h when VTH<VTHL or
VTH >VTHH. Charging cannot be started until the fault
condition goes away. After VTH returns to the normal
range, one of the following three conditions can restart
charging.
1. Assert PB when the latch off bit in register 0x05h = 0
2. Clear the fault status bits in register 0x08h standby
3. Recycle input power
+
–
+
–
TH
VTCL=1V
NTC
VTCH=2.5V
+
–
+
–
VTDL=0.57V
VTDH=2.5V
IDIS=100 uA
ICHG=140uA
ACT2823
CHG_HOT
CHG_COLD
DIS_HOT
DIS_COLD
Rb
Ra
Li+ Battery
Pack
Figure 7: Thermistor Resistor Network
RNTCc : NTC Resistor at cold temperature (Tcold)
RNTCh : NTC Resistor at hot temperature (Thot)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com