Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2823 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT2823
Description  Dual Cell Li-Ion Battery Charger and Power Bank Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2823 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT2823 Datasheet HTML 1Page - Active-Semi, Inc ACT2823 Datasheet HTML 2Page - Active-Semi, Inc ACT2823 Datasheet HTML 3Page - Active-Semi, Inc ACT2823 Datasheet HTML 4Page - Active-Semi, Inc ACT2823 Datasheet HTML 5Page - Active-Semi, Inc ACT2823 Datasheet HTML 6Page - Active-Semi, Inc ACT2823 Datasheet HTML 7Page - Active-Semi, Inc ACT2823 Datasheet HTML 8Page - Active-Semi, Inc ACT2823 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
ACT2823
REV 1, 01-DEC-2016
Innovative PowerTM
ActiveSwitcherTM
is a trademark of Active-Semi.
1
Dual Cell Li-Ion Battery Charger and Power Bank Manager
BENEFITS and FEATURES
Simple Design
o
Single chip charger and power bank con-
trol
o
Power path and battery charge control
o
Charge/Discharge/Power path control
o
Automatic output plug-in detection wakeup
and no load detection sleep mode
USB Compatible
o
Vin = 4.5V to 5.5V
o
Vout = 5.07V +/- 1%
o
Auto Detection support USB BC1.2, Chi-
nese YD/T 1591-2009, Apple, and Samsung
o
Pass MFi Test
o
Automatically accommodates weak input
power sources.
High Power Capability
o
3.3A Load Current
o
1.5A Charge Current
o
Dual Li-Ion Cells – 8.4V/8.7V +/-0.5%
Built in Safety
o
Over/Under-voltage Protection
o
Low Power Short Circuit Protection
o
Battery Over charge/discharge protection
o
Charge/Discharge Thermal Regulation
Space Savings
o
Single Chip Design - fully integrated FETs
o
Integrated LED status reporting
o
TQFN5x5-40 Package
Power Savings
o
>92% Efficient
o
400kHz
o
<10uA Battery drain current
Easy system level design
o
I2C programmability 1MHz
o
Configurable operating modes and fault
conditions
o
Meets EN55022 Class B Radiated EMI
Standard
APPLICATIONS
Backup Battery Pack
Power Bank
Dual Cell Boost Battery Charger
Bluetooth Speaker
Wearables
POS Machine
Standalone Battery Charger with USB Output
GENERAL DESCRIPTION
The ACT2823 is a space-saving, dedicated single-chip
solution for dual-cell battery charge and discharge
control. It is optimized for power bank and battery
backup systems. The ACT2823 operates in three
modes: charge mode, discharge mode and HZ mode.
It charges dual Li-Ion batteries from a USB input while
also delivering power to the load. Automatic power path
control always gives priority to the load.
When the USB input is not present, the ACT2823
powers the load at 5.07V from the batteries. The cycle-
by-cycle peak current mode control, constant current
regulation, short circuit protection and over voltage
protection maximize safe operation.
ACT2823’s HZ mode minimizes the batteries current
drain to less than 10µA to help maintain fully charged
batteries for products with long storage, shipping, and
shelf life.
ACT2823 provides 4 LED drive pins for battery capacity
level and charge status indication to indicate 25%, 50%,
75% and 100% battery charge levels. Multiple LED
indications patterns are programmable.
ACT2823 is available in a thermally enhanced
5mmx5mm QFN55-40 package with exposed pad.
CSP
CSN
VOUT
HSB
BAT
BATS
BATP
BATN
ICST
TH
VREG
AGND
PB
LED1
LED2
LED3
LED4
RIMC
4.7uH
ACT2823
PGND
22uF
VIN
SW
VIN
5.07V/3.3A
VOUT
20mΩ
25mΩ
22uF
22uF
1uF
22uF
22uF
540 k
8k
10k
47nF


Similar Part No. - ACT2823

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2823QJ-T1000 ACTIVE-SEMI-ACT2823QJ-T1000 Datasheet
1Mb / 25P
Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
ACT2823QJ-T1435 ACTIVE-SEMI-ACT2823QJ-T1435 Datasheet
1Mb / 25P
Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
ACT2823 ACTIVE-SEMI-ACT2823_16 Datasheet
1Mb / 25P
Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
More results

Similar Description - ACT2823

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
1-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
Multi-Cell Li-Ion Battery Manager
December 14, 2012
ISL94212INZ INTERSIL-ISL94212INZ Datasheet
2Mb / 96P
Multi-Cell Li-Ion Battery Manager
April 23, 2015
ISL78600ANZ INTERSIL-ISL78600ANZ Datasheet
809Kb / 22P
Multi-Cell Li-Ion Battery Manager
January 20, 2015
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
Single Cell Li-Ion and Li-Pol Battery Charger
logo
Intersil Corporation
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
Multi-Cell Li-Ion Battery Manager
logo
Active-Semi, Inc
ACT2823 ACTIVE-SEMI-ACT2823_16 Datasheet
1Mb / 25P
Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
logo
Renesas Technology Corp
ISL78600 RENESAS-ISL78600 Datasheet
3Mb / 105P
Multi-Cell Li-Ion Battery Manager
ISL78610 RENESAS-ISL78610 Datasheet
3Mb / 100P
Multi-Cell Li-Ion Battery Manager
ISL94212 RENESAS-ISL94212 Datasheet
3Mb / 96P
Multi-Cell Li-Ion Battery Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com