Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2823 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT2823
Description  Dual Cell Li-Ion Battery Charger and Power Bank Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2823 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT2823 Datasheet HTML 4Page - Active-Semi, Inc ACT2823 Datasheet HTML 5Page - Active-Semi, Inc ACT2823 Datasheet HTML 6Page - Active-Semi, Inc ACT2823 Datasheet HTML 7Page - Active-Semi, Inc ACT2823 Datasheet HTML 8Page - Active-Semi, Inc ACT2823 Datasheet HTML 9Page - Active-Semi, Inc ACT2823 Datasheet HTML 10Page - Active-Semi, Inc ACT2823 Datasheet HTML 11Page - Active-Semi, Inc ACT2823 Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ACT2823
REV 1, 01-DEC-2016
Innovative PowerTM
ActiveSwitcherTM
is a trademark of Active-Semi.
8
LED Indication
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LED1-4 Indication Level Setting
5.5
8.8
V
LED1-4 Sink Current
3
mA
LED1-4 Scan Interval
For each LED pattern before lighting LEDs
0.5
s
I2C Interface
SCL, SDA Input Low
VIN = 5V
0.4
V
SCL, SDA Input High
VIN = 5V
1.25
V
SDA Leakage Current
SDA=5V
1
µA
SDA Output Low
IOL = 5mA
0.35
V
SCL Clock Frequency, fSCL
0
1000
kHz
SCL Low Period, tLOW
0.5
µs
SCL High Period, tHIGH
0.26
µs
SDA Data Setup Time, tSU
50
ns
SDA Data Hold Time, tHD
(Note1)
0
ns
Start Setup Time, tST
For Start Condition
260
ns
Stop Setup Time, tSP
For Stop Condition
260
ns
Capacitance on SCL or SDA Pin
10
pF
SDA Fall Time SDA, Tof
Device requirement
120
ns
Rise Time of both SDA and SCL, tr
See Note: 3
120
ns
Fall Time of both SDA and SCL, tf
See Note: 3
120
ns
Pulse Width of spikes must be suppressed on SCL
and SDA
0
50
ns
Note1: No internal timeout for I2C operations.
Note2: This is an I2C system specification only. Rise and fall time of SCL & SDA not controlled by the device.
Note2: Device Address is 7’h5A
Figure 2: I2C Data Transfer
SDA
SCL
tST
tSU
tHD
tSP
tSCL
Start
condition
Stop
condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com