Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2823 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT2823
Description  Dual Cell Li-Ion Battery Charger and Power Bank Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2823 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT2823 Datasheet HTML 2Page - Active-Semi, Inc ACT2823 Datasheet HTML 3Page - Active-Semi, Inc ACT2823 Datasheet HTML 4Page - Active-Semi, Inc ACT2823 Datasheet HTML 5Page - Active-Semi, Inc ACT2823 Datasheet HTML 6Page - Active-Semi, Inc ACT2823 Datasheet HTML 7Page - Active-Semi, Inc ACT2823 Datasheet HTML 8Page - Active-Semi, Inc ACT2823 Datasheet HTML 9Page - Active-Semi, Inc ACT2823 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ACT2823
REV 1, 01-DEC-2016
Innovative PowerTM
ActiveSwitcherTM
is a trademark of Active-Semi.
6
ELECTRICAL CHARACTERISTICE TABLE
(VIN = 5V, TA = 25°C, unless otherwise specified.)
Input Current Limit, Over Voltage Protection, Output Under Voltage Protection
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage Range
4.5
5.5
V
Input Over Voltage Protection
VIN rising, VIN_OVP
5.5
5.7
6.0
V
Input Over Voltage Hysteresis
VIN falling, VIN_OVP_HYST
290
mV
Input Under Voltage Lock-Out
VIN rising, VIN_UVLO
4.2
V
Input Under Voltage Lock-Out Hysteresis
VIN falling, VIN_UVLO_HYST
200
mV
Input Current Limit Setting Range
3.8
A
Output Under Voltage Protection (UVP)
VOUT falling, VOUT_UVP
3.65
V
Output Under Voltage Protection Hysteresis
VOUT rising, VOUT_UVP_HYST
200
mV
Q1 Wait Time in Hiccup Mode
3
s
Boost Mode/Charge Mode
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Switching Frequency
-15%
400
+15%
kHz
Precondition Voltage Threshold of Total Cells
VBAT rising
5.6
V
Preconditioning Current
Percentage of fast charge current
15
%
Boost Charger UVLO
VOUT rising, BST_UVLO
4.2
V
Battery End-Of-Charge Voltage
VBAT_EOC (ACT2823QJ-T1000)
-0.5%
8.4
+0.5%
V
VBAT_EOC (ACT2823QJ-T1435)
-0.5%
8.7
+0.5%
V
Fast Charge Current Setting
Ricst=8kΩ
-10%
1.0
+10%
A
End of Charge Detection Current
Percentage of fast charge current
10
%
Shielding cable Detection Threshold at PB
PB falling In charge mode. VIN = 5V
VIN-1.5V
V
Charge Current Foldback Threshold with VIN,
Without Shielding Cable Connected
Start point
4.7
V
End point
4.6
V
Charge Current Foldback Threshold with VIN, With
Shielding Cable Connected
Start point
4.92
V
End point
4.82
V
Continuous Charging Time after EOC
TEOC
45
min
Charger Thermal Regulation Temperature
100
110
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com