Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8849 Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # ACT8849
Description  Advanced PMU for Multi-core Application Processors
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8849 Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button ACT8849 Datasheet HTML 17Page - Active-Semi, Inc ACT8849 Datasheet HTML 18Page - Active-Semi, Inc ACT8849 Datasheet HTML 19Page - Active-Semi, Inc ACT8849 Datasheet HTML 20Page - Active-Semi, Inc ACT8849 Datasheet HTML 21Page - Active-Semi, Inc ACT8849 Datasheet HTML 22Page - Active-Semi, Inc ACT8849 Datasheet HTML 23Page - Active-Semi, Inc ACT8849 Datasheet HTML 24Page - Active-Semi, Inc ACT8849 Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
ACT8849
Rev PrB, 12-Jun-14
Innovative PowerTM
- 21 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
ActivePMU
TM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
TYPICAL PERFORMANCE CHARACTERISTICS
(TA = 25°C, unless otherwise specified.)
Startup of OUT13
Startup of OUT3/5/2/6/7/11
Startup of OUT3/10/12/8/9
Sleep/Wakeup of OUT6/7/11/10/12
Temperature (°C)
-40
-20
0
20
40
60
80
100
140
120
VREF vs. Temperature
1.200
1.196
1.192
1.188
1.184
1.204
Frequency vs. Temperature
2.320
2.300
2.280
2.260
2.240
2.220
2.200
2.180
2.340
2.360
Temperature (°C)
-40
-20
0
20
40
60
80
100
140
120
CH1
CH2
CH1
CH2
CH3
CH4
CH1
CH2
CH3
CH4
CH1
CH2
CH3
CH4
CH1: VOUT3, 2V/div
CH2: VOUT5, 2V/div
CH3: VOUT2, 1V/div
CH4: VOUT6, 2V/div
CH5: VOUT7, 2V/div
CH6: VOUT11, 1V/div
TIME: 400µs/div
CH1: VIN, 2V/div
CH2: VOUT13, 1V/div
TIME: 1ms/div
CH1: VOUT3, 2V/div
CH2: VOUT10, 1V/div
CH3: VOUT12, 1V/div
CH4: VOUT8, 2V/div
CH5: VOUT9, 1V/div
TIME: 400µs/div
CH1: VPWREN, 2V/div
CH2: VOUT6, 2V/div
CH3: VOUT7, 2V/div
CH4: VOUT11, 1V/div
CH5: VOUT10, 1V/div
CH6: VOUT12, 1V/div
TIME: 1ms/div
CH5
CH6
CH5
CH5
CH6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com