Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8849 Datasheet(PDF) 28 Page - Active-Semi, Inc

Part # ACT8849
Description  Advanced PMU for Multi-core Application Processors
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8849 Datasheet(HTML) 28 Page - Active-Semi, Inc

Back Button ACT8849 Datasheet HTML 24Page - Active-Semi, Inc ACT8849 Datasheet HTML 25Page - Active-Semi, Inc ACT8849 Datasheet HTML 26Page - Active-Semi, Inc ACT8849 Datasheet HTML 27Page - Active-Semi, Inc ACT8849 Datasheet HTML 28Page - Active-Semi, Inc ACT8849 Datasheet HTML 29Page - Active-Semi, Inc ACT8849 Datasheet HTML 30Page - Active-Semi, Inc ACT8849 Datasheet HTML 31Page - Active-Semi, Inc ACT8849 Datasheet HTML 32Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
ACT8849
Rev PrB, 12-Jun-14
Innovative PowerTM
- 28 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
ActivePMU
TM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
Push-Button Control
The ACT8849 is designed to initiate a system
enable sequence when the nPBIN multi-function
input is asserted. Once this occurs, a power-on
sequence commences, as described below. The
power-on sequence must complete and the
microprocessor must take control (by asserting
PWRHLD) before nPBIN is de-asserted. If the
microprocessor is unable to complete its power-up
routine successfully before the user releases the
push-button, the ACT8849 automatically shuts the
system down. This provides protection against
accidental or momentary assertions of the push-
button. If desired, longer “push-and-hold” times can
be implemented by simply adding an additional time
delay before asserting PWREN or PWRHLD.
Control Sequences
The ACT8849 features a variety of control
sequences that are optimized for supporting system
enable and disable, as well as SLEEP mode of the
Samsung Exynos4412 processors.
Enabling/Disabling Sequence
A typical enable sequence is initiated whenever the
nPBIN is asserted low via 50KΩ resistance. The
power control diagram is shown in Figure 3. During
the boot sequence, the microprocessor must assert
PWRHLD
( XPSHO L D) ,
and
PWREN
(XPWRRGTON)
, to ensure that the system remains
powered after nPBIN is released. Once the power-
up routine is completed, the system remains
enabled after the push-button is released as long as
PWRHLD is asserted high. If the processor does
not assert PWRHLD before the user releases the
push-button, the boot-up sequence is terminated
and all regulators are disabled. This provides
protection against "false-enable", when the push-
button is accidentally depressed, and also ensures
that the system remains enabled only if the
processor successfully completes the boot-up
sequence.
As with the enable sequence, a typical disable
sequence is initiated when the user presses the
push-button, which interrupts the processor via the
nPBSTAT output. The actual disable sequence is
completely
software-controlled,
but
typically
involved initiating various “clean-up” processes
before the processor finally de-asserts PWRHLD.
SLEEP Mode Sequence
The ACT8849 supports Exynos4412 processors’
SLEEP mode operation. Once a successful power-
up routine has been completed, SLEEP mode may
be initiated through a variety of software-controlled
mechanisms.
SLEEP mode is typically initiated when the user
presses the push-button during normal operation.
Pressing the push-button asserts the nPBIN input,
which
asserts
the
nPBSTAT
output,
which
interrupts the processor. In response to this
interrupt
the
processor
should
de-assert
PWRE N (XPWRR GT ON) ,
di sa bli ng
REG6/7/8/9/10/11/12. PWRHLD should remain
asserted during SLEEP mode so that REG1/6/7/12
remain enabled.
The ACT8849 wakes up from SLEEP mode when
either
the
push-button
and/or
PWREN
(XPWRRGTON)
is asserted. In either case,
REG2/3/4/5/8/9/10/11 are enable which allow the
system to resume normal operation.
Watch-Dog Supervision
The ACT8849 features a watchdog supervisory
function. An internal watchdog timer of 4s is
unmasked by setting either WDSREN[ ] or
WDPCEN [ ] bit to one. Once enabled, the
watchdog timer is reset whenever there is I2C
activity for the PMU. In the case where the system
software stops responding and that there is no I2C
transactions for 4s, the watchdog timer expires. As
a result, the PMU either perform a soft-reset or
power cycle, depending on whether WDSREN [ ] or
WDPCEN [ ] is set.
Software-Initiated Power Cycle
ACT8849 supports software-initiated power cycle.
Once the SIPC[ ] bit is set, the PMU waits for 8ms
and then initiate a power cycle to restart the entire
system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com