Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8849 Datasheet(PDF) 32 Page - Active-Semi, Inc

Part # ACT8849
Description  Advanced PMU for Multi-core Application Processors
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8849 Datasheet(HTML) 32 Page - Active-Semi, Inc

Back Button ACT8849 Datasheet HTML 27Page - Active-Semi, Inc ACT8849 Datasheet HTML 28Page - Active-Semi, Inc ACT8849 Datasheet HTML 29Page - Active-Semi, Inc ACT8849 Datasheet HTML 30Page - Active-Semi, Inc ACT8849 Datasheet HTML 31Page - Active-Semi, Inc ACT8849 Datasheet HTML 32Page - Active-Semi, Inc ACT8849 Datasheet HTML 33Page - Active-Semi, Inc ACT8849 Datasheet HTML 34Page - Active-Semi, Inc ACT8849 Datasheet HTML 35Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
ACT8849
Rev PrB, 12-Jun-14
Innovative PowerTM
- 32 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
ActivePMU
TM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
Enable / Disable Control
During normal operation, each buck may be enabled
or disabled via the I2C interface by writing to that
regulator's ON[ ] bit.
OK[ ] and Output Fault Interrupt
Each DC/DC features a power-OK status bit that can
be read by the system microprocessor via the I2C
interface. If an output voltage is lower than the power-
OK threshold, typically 7% below the programmed
regulation voltage, that regulator's OK[ ] bit will be 0.
If a DC/DC's nFLTMSK[-] bit is set to 1, the ACT8849
will interrupt the processor if that DC/DC's output
voltage falls below the power-OK threshold. In this
case, nIRQ will assert low and remain asserted until
either the regulator is turned off or back in regulation,
and the OK[ ] bit has been read via I2C.
PCB Layout Considerations
High switching frequencies and large peak currents
make PC board layout an important part of step-down
DC/DC converter design. A good design minimizes
excessive EMI on the feedback paths and voltage
gradients in the ground plane, both of which can
result in instability or regulation errors.
Step-down DC/DCs exhibit discontinuous input
current, so the input capacitors should be placed as
close as possible to the IC, and avoiding the use of
via if possible. The inductor, input filter capacitor, and
output filter capacitor should be connected as close
together as possible, with short, direct, and wide
traces. The ground nodes for each regulator's power
loop should be connected at a single point in a star-
ground configuration, and this point should be
connected to the backside ground plane with multiple
via. The output node for each regulator should be
connected to its corresponding OUTx pin through the
shortest possible route, while keeping sufficient
distance from switching nodes to prevent noise
injection. Finally, the exposed pad should be directly
connected to the backside ground plane using
multiple via to achieve low electrical and thermal
resistance.
REGx/VSET[2:0]
000
001
010
011
100
101
110
111
000
0.600
0.800
1.000
1.200
1.600
2.000
2.400
3.200
001
0.625
0.825
1.025
1.250
1.650
2.050
2.500
3.300
010
0.650
0.850
1.050
1.300
1.700
2.100
2.600
3.400
011
0.675
0.875
1.075
1.350
1.750
2.150
2.700
3.500
100
0.700
0.900
1.100
1.400
1.800
2.200
2.800
3.600
101
0.725
0.925
1.125
1.450
1.850
2.250
2.900
3.700
110
0.750
0.950
1.150
1.500
1.900
2.300
3.000
3.800
111
0.775
0.975
1.175
1.550
1.950
2.350
3.100
3.900
REGx/VSET[5:3]
Table 3:
REGx/VSET[ ] Output Voltage Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com