Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8849 Datasheet(PDF) 34 Page - Active-Semi, Inc

Part # ACT8849
Description  Advanced PMU for Multi-core Application Processors
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8849 Datasheet(HTML) 34 Page - Active-Semi, Inc

Back Button ACT8849 Datasheet HTML 27Page - Active-Semi, Inc ACT8849 Datasheet HTML 28Page - Active-Semi, Inc ACT8849 Datasheet HTML 29Page - Active-Semi, Inc ACT8849 Datasheet HTML 30Page - Active-Semi, Inc ACT8849 Datasheet HTML 31Page - Active-Semi, Inc ACT8849 Datasheet HTML 32Page - Active-Semi, Inc ACT8849 Datasheet HTML 33Page - Active-Semi, Inc ACT8849 Datasheet HTML 34Page - Active-Semi, Inc ACT8849 Datasheet HTML 35Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
ACT8849
Rev PrB, 12-Jun-14
Innovative PowerTM
- 34 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
ActivePMU
TM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
General Description
REG13 is an always-on, low-dropout linear
regulator (LDO) that is optimized for RTC and
backup-battery applications. REG13 features low-
quiescent supply current, current-limit protection,
and reverse-current protection, and is ideally suited
for always-on power supply applications, such as
for a real-time clock, or as a backup-battery or
super-cap charger.
Reverse-Current Protection
REG13 features internal circuitry that limits the
reverse supply current to less than 1µA when the
input voltage falls below the output voltage, as can
be
encountered
in
backup-battery
charging
applications. REG13's internal circuitry monitors the
input and the output, and disconnects internal
circuitry and parasitic diodes when the input voltage
falls below the output voltage, greatly minimizing
backup battery discharge.
Typical Application
Voltage Regulators
REG13 is ideally suited for always-on voltage-
regulation applications, such as for real-time clock
and memory keep-alive applications. This regulator
requires only a small ceramic capacitor with a
minimum capacitance of 0.47μF for stability. For
best performance, the output capacitor should be
connected directly between the output and GA, with
a short and direct connection.
Figure 4:
Typical Application of RTC LDO
Backup Battery Charging
REG13 features a constant current-limit, which
protects the IC under output short-circuit conditions
as well as provides a constant charge current, when
operating as a backup battery charger.
ALWAYS-ON LDO (REG13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com