Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRVRM2 Datasheet(PDF) 2 Page - International Rectifier

Part # IRVRM2
Description  Pentium II1 Power Supply Design Specification
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRVRM2 Datasheet(HTML) 2 Page - International Rectifier

  IRVRM2 Datasheet HTML 1Page - International Rectifier IRVRM2 Datasheet HTML 2Page - International Rectifier IRVRM2 Datasheet HTML 3Page - International Rectifier IRVRM2 Datasheet HTML 4Page - International Rectifier IRVRM2 Datasheet HTML 5Page - International Rectifier IRVRM2 Datasheet HTML 6Page - International Rectifier IRVRM2 Datasheet HTML 7Page - International Rectifier IRVRM2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Specifications
IRVRM2
Rectifier
International
Fig 3. Silkscreen top view
Fig 4. Silkscreen bottom view
VID CODES (Table 2)
Fig 2. Connector pin out
Absolute Maximum Ratings
(Table 1)
Parameter
Min
Max Units Conditions / Description
5 volt input
-
6.0
V
12 volt input
-
13.0
V
Continuous output current
-
12.7
A
Pulse width > 100ms
Ambient Temperature
10
60
ºC
Electrical Input Specifications
Parameter
Min
Typ
Max Units Conditions / Description
5 volt input (5Vin)
4.75
5.0
5.25
V
Supply meet all output specifications
5 volt input current
-
-
10
A
All line and load conditions
12 volt input (12Vin)
11.4
12.0
13.0
V
Supply meet all output specifications
12 volt input current
-
40
60
mA
All line and load conditions
Power Output Specifications (all specified line and load conditions)
Parameter
Min
Typ
Max Units Conditions / Description
Voltage Range
1.8
2.8
3.5
V
Selected by VID[0:4]
Current
0
7.6
12.7
A
Static Voltage regulation
-2.1
-
+3.6
%
Of nominal VID set point.
Transient Voltage
-5
-
+5
%
30A/µs transitions 0.8A-to-12.7A @
2.8V output
Ripple voltage
-1
-
+1
%
Percent of nominal
Turn on settling time
-
3.1
10
mS
Within ±10% of VID set point
Digital Input / Output Specifications
Signal
Input / Output
Conditions / Description
PWRGD
output
Open collector output. Logic 1 output
signifies that the voltage output of
the module is within ±12% of the
selected level
OUTEN
input
Open collector input. Logic 0
disables the module output.
VID[0:4]
input
Open collector input. Selects
nominal output voltage as shown in
table #2.
Output Fault Protection
Parameter
Min
Typ
Max Units Conditions / Description
Short circuit protection
13
15.25 17.5
A
Output current during short circuit or
overload
Over voltage protection
+10
-
+25
%
Shuts down the power supply when
the output voltage exceeds 10%-to-
25% above the set point



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com