Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRVRM2 Datasheet(PDF) 7 Page - International Rectifier

Part # IRVRM2
Description  Pentium II1 Power Supply Design Specification
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRVRM2 Datasheet(HTML) 7 Page - International Rectifier

  IRVRM2 Datasheet HTML 1Page - International Rectifier IRVRM2 Datasheet HTML 2Page - International Rectifier IRVRM2 Datasheet HTML 3Page - International Rectifier IRVRM2 Datasheet HTML 4Page - International Rectifier IRVRM2 Datasheet HTML 5Page - International Rectifier IRVRM2 Datasheet HTML 6Page - International Rectifier IRVRM2 Datasheet HTML 7Page - International Rectifier IRVRM2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
IRVRM2
Dynamic Performance (continued)
Rectifier
International
Fig 23. Rising Input current without L2
Fig 25. Falling Input Current without L2
Fig 24. Input di/dt Test Circuit
Fig 21. Rising Input Current Waveform
Input di/dt During Transient Load
Intel’s specification recommends a
maximum input di/dt during transient load
of 0.1A/µs. IRVRM2 readily meets this
specification at rising and falling edges of
input current.
Fig 22. Falling Input Current Waveform
Transient measurements were taken with
1µH of total line inductance between the
input power supply and IRVRM2.
This
approximately
simulates
total
path
inductance from the silver box to the VRM
board in a typical computer system.
IRVRM2 has an input inductance of 0.5µH
(L2) to limit input di/dt to the Intel
recommended 0.1A/µs.
Transient Load At VRM2
Performance at 100kHz is dominated by
stray output inductance and resistance.
These are a combination of output capacitor
ESL & ESR and board + connector
inductance & resistance.
Performance at 100Hz exhibits the same rise
& fall characteristics as at 100kHz. Setting
the oscilloscope so as to see the whole
waveform,
however,
reveals
any
undersirable loop characteristics.
As
shown, IRVRM2 is very well behaved at
both 100Hz and 100kHz.
Fig 19. 100 Hz Transient Output Voltage
Fig 20. 100 kHz Transient Output Voltage
Limit
100Hz
100kHz
Min
2.66V
2.706
2.670
Max
2.94V
2.842
2.834
Limit
Rising Falling
L2 = 0.5µH
.1A/µs
0.074
0.087
L2 = 0.0µH
.1A/µs
0.09
0.108



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com