Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRVRM2 Datasheet(PDF) 6 Page - International Rectifier

Part # IRVRM2
Description  Pentium II1 Power Supply Design Specification
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRVRM2 Datasheet(HTML) 6 Page - International Rectifier

  IRVRM2 Datasheet HTML 1Page - International Rectifier IRVRM2 Datasheet HTML 2Page - International Rectifier IRVRM2 Datasheet HTML 3Page - International Rectifier IRVRM2 Datasheet HTML 4Page - International Rectifier IRVRM2 Datasheet HTML 5Page - International Rectifier IRVRM2 Datasheet HTML 6Page - International Rectifier IRVRM2 Datasheet HTML 7Page - International Rectifier IRVRM2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRVRM2
6
Static Performance
Rectifier
International
Efficiency
Efficiency is required to be at least 80% at
full load. Thanks to the very efficient 20V
low V
th
MOSFETs, IRVRM2 exceeds the
required specification by a comfortable
margin.
Maximum Junction Temperature
Analysis of Q1 junction temperature shows
that it remains within specifications at an
ambient temperature of 50°C, even in still air.
Dynamic Performance
Fig 18. Transient Load Current Fall time
Transient Load Test Conditions
The Intel specification requires the supply to
stay within its ±5% specification during
transient load event of 0.8A-to-12.7A at a rate
of 30A/µs. Although most motherboards do
not require this full level of performance,
IRVRM2 meets the full transient response
specification.
Fig 17. Transient Load Current Rise Time
Load Regulation
The output must stay within its -2.1% ~ +3.6%
static specification from no load to full load.
Fig 15. Typical Load Regulation
Fig 16. Typical Line Regulation
Line Regulation
The Intel specification requires the line
voltage to be within ±5% of nominal voltage.
IRVRM2 easily meets line regulation
specification even up to ±10%.
Fig 12. Typical Efficiency
Fig 14. Projected Tj of Q1 Ta = 50ºC (still air)
Fig 13. Typical Tj of Q1 Ta = 25ºC (still air)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com