Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRVRM2 Datasheet(PDF) 1 Page - International Rectifier

Part # IRVRM2
Description  Pentium II1 Power Supply Design Specification
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRVRM2 Datasheet(HTML) 1 Page - International Rectifier

  IRVRM2 Datasheet HTML 1Page - International Rectifier IRVRM2 Datasheet HTML 2Page - International Rectifier IRVRM2 Datasheet HTML 3Page - International Rectifier IRVRM2 Datasheet HTML 4Page - International Rectifier IRVRM2 Datasheet HTML 5Page - International Rectifier IRVRM2 Datasheet HTML 6Page - International Rectifier IRVRM2 Datasheet HTML 7Page - International Rectifier IRVRM2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Pentium II
1 Power Supply Design Specification
Key Features
• Meets or exceeds all Intel 233/266MHz
Pentium II
1 requirements
• 12.7A continuous output
• 1.8 to 3.5V digitally selectable output
• 30A/µS transient load response capability
• Short circuit protected
• Surface Mount MOSFETs eliminate heatsinks
• >80% Efficiency
• Design kit available: IRVRM2
Purpose
This is a production-ready design. It has been thoroughly
tested for performance against the Intel Pentium II
1 233/
266MHz power specification, and evaluated for
manufacturability by a high volume manufacturer.
This design will not be manufactured by International
Rectifier. Its purpose is to simplify the design and
qualification process for our customers.
Web Site
This design may be downloaded in two formats at IR’s
web site (www.irf.com). One is PDF format for on screen
viewing or printing, the other is in native format so that you
many manufacture the design if desired.
Floppy Disk
The design is also available on floppy disk. As on our web
site, the floppy version contains two formats, PDF and
native format.
Demo Boards
Completed boards are available through your local IR sales
office and distribution.
Support
E-mail Chris Davis at cdavis1@irf.com for support of this
design.
IRVRM2
The new IRVRM2 offers the power supply designer a
complete turnkey solution for DC/DC converters
required to power Intel’s new Pentium II
1
microprocessor. A synchronous buck regulator
topology operating at 200kHz is employed and achieves
excellent efficiency with very fast transient load response
and tight output voltage regulation.
The new 20V low V
th HEXFET Power MOSFET
D2Pak is used in the synchronous circuitry to reduce
board temperature and assembly costs while improving
circuit efficiency through reduced R
DS(on). Complete
performance characterization along with a detailed
schematic, bill-of-materials, and PCB layout are offered
to reduce the customer’s design time and effort.
PD-6.088
Contents
Specifications ------------------------------------- 2
Schematic Diagram ------------------------------- 3
Bill of Materials ----------------------------------- 4
Inductor Specifications --------------------------- 5
Assembly Options -------------------------------- 5
Static Performance ------------------------------- 6
Dynamic Performance ---------------------------- 6
1: A registered trademark of Intel Corporation
© International Rectifier, 1997
Fig 1. IRVRM2
Copyright Restriction
This design may be used for production or evaluation
purposes under the condition that all IR labeling and
identification marks remain on all boards produced using
this design, or as otherwise agreed to in writing by
International Rectifier.


Similar Part No. - IRVRM2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRVR101 IRF-IRVR101 Datasheet
110Kb / 15P
LIN Controlled Alternator Voltage Regulator
More results

Similar Description - IRVRM2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1406 SEMTECH-SC1406 Datasheet
109Kb / 11P
PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1406A SEMTECH-SC1406A Datasheet
175Kb / 17P
PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
logo
Fairchild Semiconductor
AN4003 FAIRCHILD-AN4003 Datasheet
233Kb / 28P
PC POWER SUPPLY DESIGN WITH KA3511
logo
Semtech Corporation
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
Portable Pentium Dual Phase Power Supply Controller
SC1471 SEMTECH-SC1471 Datasheet
49Kb / 1P
Power Supply Controller for Portable Pentium III SpeedStep Processors
logo
Bi technologies
627V100 BITECH-627V100 Datasheet
53Kb / 4P
Designed For Pentium Power Supply Surface Mount Resistor Networks
logo
Analog Devices
ADP3155 AD-ADP3155_15 Datasheet
207Kb / 14P
5-Bit Programmable Triple Power Supply Controller for Pentium
REV. A
logo
International Rectifier
IRNBPS1 IRF-IRNBPS1 Datasheet
445Kb / 4P
Mobile Pentium II Power Supply Evaluation Board
IRP6VRM1 IRF-IRP6VRM1 Datasheet
248Kb / 8P
Turnkey Pentium Pro1 power supply specification
logo
NXP Semiconductors
MPC8XXFADS NXP-MPC8XXFADS Datasheet
3Mb / 242P
Design Specification
Rev 0.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com