Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2249DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ2249DN
Description  Industrial Grade 6V, 3A, 1MHz, Low-Voltage Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2249DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ2249DN Datasheet HTML 1Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 2Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 3Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 4Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 5Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 6Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 7Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 8Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MPQ2249 – INDUSTRIAL GRADE, 6V, 3A, 1MHZ, LOW-VOLTAGE SYNCHRONOUS STEP-DOWN CONVERTER
MPQ2249 Rev.1.01
www.MonolithicPower.com
4
6/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, EN = 5V, VO = 1.8V, L1 = 2.2µH, and TA = +25°C, unless otherwise noted.
LOAD CURRENT ( A )
LOAD CURRENT ( A )
LOAD CURRENT ( A )
Line Efficiency
VOUT=1.8V
Line Regulation
VOUT=1.8V
Load Efficiency
VOUT=3.3V
Line Efficiency
VOUT=3.3V
Load Regulation
VOUT=1.8V
Load Regulation
VOUT=3.3V
Peak Current vs.
Duty Cycle
Line Regulation
VOUT=3.3V
LOAD CURRENT ( A )
LOAD CURRENT ( A )
LOAD CURRENT ( A )
LOAD CURRENT ( A )
LOAD CURRENT ( A )
Load Efficiency
VOUT=1.8V
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VIN=6V
VIN=5V
VIN=4V
VIN=3V
50
60
70
80
90
100
2.5
3.1
3.7
4.3
4.9
5.5
6.1
IOUT=2A
IOUT=1A
1.70
1.74
1.78
1.82
1.86
1.90
2.5
3.1
3.7
4.3
4.9
5.5
6.1
IOUT=2A
IOUT=1A
1.75
1.77
1.79
1.81
1.83
1.85
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VIN=5V
VIN=3V
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VIN=6V
VIN=5.5V
VIN=5V
VIN=4.5V
70
75
80
85
90
95
100
4.5
4.8
5.1
5.4
5.7
6.0
IOUT=2A
IOUT=1A
3.20
3.24
3.28
3.32
3.36
3.40
4.5
4.8
5.1
5.4
5.7
6.0
IOUT=2A
IOUT=1A
3.20
3.24
3.28
3.32
3.36
3.40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VIN=5.5V
VIN=4.5V
4.0
4.3
4.6
4.9
5.2
5.5
20
30 40
50 60
70 80
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com