Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2249DN Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MPQ2249DN
Description  Industrial Grade 6V, 3A, 1MHz, Low-Voltage Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2249DN Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MPQ2249DN Datasheet HTML 5Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 6Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 7Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 8Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 9Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 10Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 11Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 12Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MPQ2249 – INDUSTRIAL GRADE, 6V, 3A, 1MHZ, LOW-VOLTAGE SYNCHRONOUS STEP-DOWN CONVERTER
MPQ2249 Rev.1.01
www.MonolithicPower.com
9
6/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
FUNCTION BLOCK DIAGRAM
PVIN
EN
FB
SW
GND
0.6V
1pF
34pF
600k
BIAS &
VOLTAGE
REFERENCE
0.6V
1MHz
OSCILLATOR
ISLOPE
OSC
CONTROL
LOGIC
MAIN
SWITCH
PCH
R
LOW SIDE
GATE DRIVE
SYNCHRONOUS
RECTIFIER
NCH
OUTPUT
DISCHARGE
Internal SS
PG
0.54V
PWM
PVIN
COMP
0.4V
0.4V
Figure 1—Function Block Diagram
OPERATION
The MPQ2249 is a constant frequency current
mode PWM step-down converter. The MPQ2249
is optimized for low voltage, Li-Ion battery
powered applications where high efficiency and
small size are critical. The MPQ2249 uses an
external resistor divider to set the output voltage
from 0.6V to 6V. The device integrates both a
main switch and synchronous rectifier, which
provides high efficiency and eliminates an
external Schottky diode. The MPQ2249 can
achieve 100% duty cycle. The duty cycle D of a
step-down converter is defined as:
%
100
V
V
%
100
f
T
D
IN
OUT
OSC
ON
×
≈
×
×
=
Where TON is the main switch on time, fOSC is the
oscillator frequency (1MHz), VOUT is the output
voltage and VIN is the input voltage
Current Mode PWM Control
Slope compensated current mode PWM control
provides stable switching and cycle-by-cycle
current limit for superior load and line response
and protection of the internal main switch and
synchronous rectifier. The MPQ2249 switches at
a constant frequency (1MHz) and regulates the
output voltage. During each cycle the PWM
comparator modulates the power transferred to
the load by changing the inductor peak current
based on the feedback error voltage. During
normal operation, the main switch is turned on for
a certain time to ramp the inductor current at
each rising edge of the internal oscillator, and
switched off when the peak inductor current is
above the error voltage. When the main switch is
off, the synchronous rectifier will be turned on
immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com