Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2249DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ2249DN
Description  Industrial Grade 6V, 3A, 1MHz, Low-Voltage Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2249DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ2249DN Datasheet HTML 1Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 2Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 3Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 4Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 5Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 6Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 7Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 8Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MPQ2249
Industrial Grade
6V, 3A, 1MHz, Low-Voltage
Synchronous Step-Down Converter
MPQ2249 Rev.1.01
www.MonolithicPower.com
1
6/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MPQ2249 is a 1MHz constant frequency,
current mode, PWM step-down converter. The
device integrates a main switch and a
synchronous rectifier for high efficiency and
eliminates the need for an external Schottky
diode. It is ideal for powering portable
equipment that runs from a single cell Lithium-
Ion (Li+) battery.
The MPQ2249 can supply 3A of load current
from a 2.5V to 6V input voltage. It can run at
100% duty cycle for low dropout applications.
The MPQ2249 provides internal soft-start
control to reduce rush current and output
discharge function to control discharging of the
output capacitor.
The MPQ2249 is available in small SOIC8E
package.
FEATURES
• High Efficiency: Up to 90%
• Power Save Mode at Light Load
• 1MHz Constant Switching Frequency
• Up to 4.5A PeakCurrent
• 2.5V to 6V Input Voltage Range
• Output Adjustable from 0.6V to VIN
• 100% Duty Cycle in Dropout
• Output Discharge Function
• Internal Soft-Start Control
• Power Good Indicator
•
Short Circuit Protection
• Thermal Fault Protection
• Available in SOIC8E Package
APPLICATIONS
• Cellular and Smart Phones
• Microprocessors and DSP Core Supplies
• PDAs
• MP3 Players
• Digital Still and Video Cameras
• Portable Instruments
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
EN
GND
MPQ2249
PVIN
FB
SW
L1
2.2 H
R1
C2
R2
ON OFF
VIN /5V
VOUT /1.8V
PG
R3
PVIN
PG
C3
C4


Similar Part No. - MPQ2249DN

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MPQ2222 CENTRAL-MPQ2222 Datasheet
137Kb / 1P
QUAD TRANSISTORS
MPQ2222 CENTRAL-MPQ2222 Datasheet
401Kb / 2P
NPN SILICON QUAD TRANSISTOR
MPQ2222 CENTRAL-MPQ2222 Datasheet
401Kb / 2P
NPN SILICON QUAD TRANSISTOR
MPQ2222A CENTRAL-MPQ2222A Datasheet
401Kb / 2P
NPN SILICON QUAD TRANSISTOR
MPQ2222A CENTRAL-MPQ2222A Datasheet
401Kb / 2P
NPN SILICON QUAD TRANSISTOR
More results

Similar Description - MPQ2249DN

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
3A, 1MHz, Synchronous Step-Down Converter
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
RT8089A RICHTEK-RT8089A Datasheet
210Kb / 15P
3A, 1MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2249 MPS-MP2249 Datasheet
404Kb / 12P
1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8097A RICHTEK-RT8097A Datasheet
1Mb / 16P
6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
June 2019
RT5796B RICHTEK-RT5796B Datasheet
1,004Kb / 19P
1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT5797B RICHTEK-RT5797B Datasheet
831Kb / 16P
3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
April 2022
RT8097D RICHTEK-RT8097D Datasheet
475Kb / 16P
2A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com