Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2249DN Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ2249DN
Description  Industrial Grade 6V, 3A, 1MHz, Low-Voltage Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2249DN Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ2249DN Datasheet HTML 6Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 7Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 8Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 9Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 10Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 11Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 12Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 13Page - Monolithic Power Systems MPQ2249DN Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MPQ2249 – INDUSTRIAL GRADE, 6V, 3A, 1MHZ, LOW-VOLTAGE SYNCHRONOUS STEP-DOWN CONVERTER
MPQ2249 Rev.1.01
www.MonolithicPower.com
11
6/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
Output Voltage Setting
The external resistor divider sets the output
voltage (see Page 1, Schematic Diagram). The
feedback resistor R1 also set the feedback loop
bandwidth with the internal compensation.
The feedback loop bandwidth (fC) is no higher
than 1/10th of switching frequency of MPQ2249.
In the case of output ceramic capacitor as CO, it
is usually set in the range of 50kHz and 100kHz
for optimal transient performance and good
phase margin. If an electrolytic capacitor is used,
the loop bandwidth is no higher than 1/4 of the
ESR zero frequency (fESR). fESR is given by:
ESR
ESR
O
1
f
2R
C
=
π×
×
For example, choose fC=80kHz with a ceramic
capacitor, CO=47μF, R1 is estimated to be 150kΩ.
R2 is then given by:
OUT
R1
R2
V
1
0.6V
=
−
Table 1—Resistor Selection vs.
Output Voltage Setting
VOUT
R1
R2
L
COUT (Ceramic)
1.2V
150kΩ
150kΩ
1.5μH-2.2μH
22μF x 2
1.5V
150kΩ
100kΩ
1.5μH-2.2μH
22μF x 2
1.8V
150kΩ
75kΩ
1.5μH-2.2μH
22μF x 2
2.5V
150kΩ
47.5kΩ
1.5μH-2.2μH
22μF x 2
3.3V
150kΩ
33.2kΩ
1.5μH-2.2μH
22μF x 2
Inductor Selection
A 1.5µH to 2.2µH inductor with DC current rating
at least 25% higher than the maximum load
current is recommended for most applications.
For best efficiency, the inductor DC resistance
shall be <20mΩ. See Table 2 for recommended
inductors and Vendors. For most designs, the
inductance value can be derived from the
following equation:
OUT
IN
OUT
IN
L
OSC
Vx(V - V
)
L=
VxΔIxf
where ∆IL is Inductor Ripple Current. Choose
inductor ripple current approximately 30% of the
maximum load current 3A.
The maximum inductor peak current is:
L
L(MAX)
LOAD
ΔI
I= I
+
2
Table 2—Suggested Surface Mount Inductors
Vendor
Part
Number
L
(μH)
DCR
(mΩ)
SC
(A)
L x W x H
(mm
3)
WURTH
744777002
2.2
13
6
7.3×7.3×4.5
744310200
2
14.2
6.5
7×6.9×3
TDK
RLF7030T-
1R5N6R1-T
1.5
8
6.5
7.8×6.8×3.2
Input Capacitor Selection
The input capacitor reduces the surge current
drawn from the input and the switching noise
from the device. The input capacitor impedance
at the switching frequency shall be less than
input
source
impedance
to
prevent
high
frequency switching current passing to the input
source. Ceramic capacitors with X5R or X7R
dielectrics are highly recommended because of
their low ESR and small temperature coefficients.
For most applications, a 47µF capacitor is
sufficient.
Output Capacitor Selection
The output capacitor keeps output voltage ripple
small and ensures a stable regulation loop. The
output capacitor impedance shall be low at the
switching frequency. Ceramic capacitors with
X5R or X7R dielectrics are recommended. If an
electrolytic capacitor is used, pay attention to
output ripple voltage, extra heating, and the
selection of feedback resistor R1 (refer to “Output
Voltage Setting” section) due to the large ESR of
electrolytic capacitor. The output ripple ∆VOUT is
approximately:
OUT
IN
OUT
OUT
IN
OSC
OSC
O
Vx(V - V
)
1
V
x(ESR +
)
Vxf
xL
8xf
xC
Δ≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com