Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW119AT Datasheet(PDF) 13 Page - NICHIA CORPORATION

Part # NVSW119AT
Description  SPECIFICATIONS FOR WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW119AT Datasheet(HTML) 13 Page - NICHIA CORPORATION

Back Button NVSW119AT Datasheet HTML 9Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 10Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 11Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 12Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 13Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 14Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 15Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 16Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 17Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NICHIA STS-DA1-1304B <Cat.No.110331>
12
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
管理番号
No.
NVSW119A
STS-DA7-0227
Taxy
0.33
0.34
0.35
0.36
0.37
0.38
0.32
0.33
0.34
0.35
0.36
0.37
-40°C
0°C
25°C
50°C
100°C
x
Ifxy
0.33
0.34
0.35
0.36
0.37
0.38
0.32
0.33
0.34
0.35
0.36
0.37
20mA
100mA
350mA
1500mA
2000mA
x
350 mA
IFP=
周囲温度-色度特性
Ambient Temperature vs
Chromaticity Coordinate
順電流-色度特性
Forward Current vs
Chromaticity Coordinate
TA=25°C
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com