Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW119AT Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NVSW119AT
Description  SPECIFICATIONS FOR WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW119AT Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NVSW119AT Datasheet HTML 1Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 2Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 3Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 4Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 5Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 6Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 7Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 8Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NICHIA STS-DA1-1304B <Cat.No.110331>
2
RANKS
Item
Rank
Min
Max
Unit
M
3.1
3.5
Forward Voltage
L
2.7
3.1
V
B14
140
150
B13
130
140
B12
120
130
Luminous Flux
B11
110
120
lm
Color Ranks
Rank b3
Rank b4
x
0.287
0.283
0.304
0.307
x
0.307
0.304
0.330
0.330
y
0.295
0.305
0.330
0.315
y
0.315
0.330
0.360
0.339
Rank b5
Rank b6
x
0.296
0.287
0.307
0.311
x
0.311
0.307
0.330
0.330
y
0.276
0.295
0.315
0.294
y
0.294
0.315
0.339
0.318
Rank c1
Rank c2
x
0.330
0.330
0.361
0.357
x
0.330
0.330
0.357
0.356
y
0.339
0.360
0.385
0.361
y
0.318
0.339
0.361
0.351
* Ranking at TS=25°C.
* Tolerance of measurements of the Forward Voltage is ±0.05V.
* Tolerance of measurements of the Luminous Flux is ±7%.
* Tolerance of measurements of the Chromaticity Coordinate is ±0.005.
* Basically, a shipment shall consist of the LEDs of a combination of the above ranks.
The percentage of each rank in the shipment shall be determined by Nichia.
Correspondence table of Color Coordinates - Luminous Flux ranks
Ranking by
Luminous Flux
Ranking by
Color Coordinates
B11
B12
B13
B14
b3,b4,b5,b6
c1,c2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com