Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW119AT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NVSW119AT
Description  SPECIFICATIONS FOR WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW119AT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NVSW119AT Datasheet HTML 1Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 2Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 3Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 4Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 5Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 6Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 7Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 8Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NICHIA STS-DA1-1304B <Cat.No.110331>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
1500
mA
Pulse Forward Current
IFP
2000
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
5.25
W
Operating Temperature
Topr
-40~100
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
150
°C
* Absolute Maximum Ratings at TS=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=350mA
3
-
V
Luminous Flux
Φv
IF=350mA
140
-
lm
Luminous Intensity
Iv
IF=350mA
45
-
cd
x
-
IF=350mA
0.344
-
-
Chromaticity Coordinate
y
-
IF=350mA
0.355
-
-
Thermal Resistance
RθJS
-
7
12
°C/W
* Characteristics at TS=25°C.
* Luminous Flux value is traceable to the CIE 127:2007-compliant national standards.
* The Chromaticity Coordinates are derived from the CIE 1931 Chromaticity Diagram.
* RθJS is Thermal Resistance from junction to TS measuring point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com