Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW119AT Datasheet(PDF) 16 Page - NICHIA CORPORATION

Part # NVSW119AT
Description  SPECIFICATIONS FOR WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW119AT Datasheet(HTML) 16 Page - NICHIA CORPORATION

Back Button NVSW119AT Datasheet HTML 9Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 10Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 11Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 12Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 13Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 14Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 15Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 16Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 17Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
NICHIA STS-DA1-1304B <Cat.No.110331>
15
(4) Design Consideration
● PCB warpage after mounting the products onto a PCB can cause the package to break.
The LEDs should be placed so as to minimize the stress on the LEDs due to PCB bow and twist.
● The position and orientation of the LEDs affect how much mechanical stress is exerted on the LEDs placed near the score lines.
The LEDs should be placed so as to minimize the stress on the LEDs due to board flexing.
● Board separation must be performed using special jigs, not with hands.
● If an aluminum PCB is used, customer is advised to verity the PCB with the products before use.
Thermal stress during use can cause the solder joints to crack.
(5) Electrostatic Discharge (ESD)
● The products are sensitive to static electricity or surge voltage. An ESD event may damage its die
or reduce its reliability performance. When handling the products, measures against electro static discharge,
including the followings, are strongly recommended.
Eliminating the charge;
Wrist strap, ESD footwear and garments, ESD floors
Grounding the equipment and tools at workstation
ESD table/shelf mat (conductive materials)
● Proper grounding techniques are required for all devices, equipment and machinery used in the assembly of the products.
Also note that surge protection should be considered in the design of customer products.
● If tools or equipment contain insulating materials, such as glass or plastic, proper measures against electro static discharge,
including the followings, are strongly recommended.
Dissipating the charge with conductive materials
Preventing the charge generation with moisture
Neutralizing the charge with ionizers
● When performing the characteristics inspection of the LEDs in your application, customer is advised to check on the LEDs
whether or not they are damaged by ESD. Such damage can be detected during forward voltage measurement or light up test
at low current. (the recommended current is 1mA or lower)
● ESD-damaged LEDs may have a current flow at low voltage, or no longer light up at low current.
Failure Criteria: VF<2.0V at IF=0.5mA
(6) Thermal Management
● Thermal management is an important factor when designing your product by using the LEDs.
The rise in LED die temperature can be affected by PCB thermal resistance or/and LED spacing as mounted on the board.
Customer is advised to design the product to ensure that the LED die temperature
does not exceed the required maximum Junction Temperature (TJ).
● Drive current should be determined for the surrounding ambient temperature (TA) to dissipate the heat from the product.
● The following equations can be used to calculate the junction temperature of the products.
1) TJ=TA+RθJA・W
2) TJ=TS+RθJS・W
*TJ=LED junction temperature: °C
TA=Ambient temperature: °C
TS=Soldering temperature (cathode side): °C
RθJA=Thermal resistance from junction to ambient: °C/W
RθJS=Thermal resistance from junction to TS measuring point: °C/W
W=Input power(IF×VF): W
Ts Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com