Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWW5AM Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LCWW5AM
Description  white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWW5AM Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LCWW5AM Datasheet HTML 4Page - OSRAM GmbH LCWW5AM Datasheet HTML 5Page - OSRAM GmbH LCWW5AM Datasheet HTML 6Page - OSRAM GmbH LCWW5AM Datasheet HTML 7Page - OSRAM GmbH LCWW5AM Datasheet HTML 8Page - OSRAM GmbH LCWW5AM Datasheet HTML 9Page - OSRAM GmbH LCWW5AM Datasheet HTML 10Page - OSRAM GmbH LCWW5AM Datasheet HTML 11Page - OSRAM GmbH LCWW5AM Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
2009-06-19
8
LCW W5AM
Farbtemperatur 3000 K
Color temperature 3000 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
4R
0.411
0.373
4S
0.418
0.375
4T
0.425
0.378
0.415
0.381
0.422
0.384
0.430
0.387
0.422
0.384
0.430
0.387
0.437
0.389
0.418
0.375
0.425
0.378
0.433
0.380
5R
0.415
0.381
5S
0.422
0.384
5T
0.430
0.387
0.419
0.390
0.426
0.393
0.434
0.396
0.426
0.393
0.434
0.396
0.442
0.398
0.422
0.384
0.430
0.387
0.437
0.389
6R
0.419
0.390
6S
0.426
0.393
6T
0.434
0.396
0.422
0.399
0.430
0.402
0.439
0.405
0.430
0.402
0.439
0.405
0.447
0.408
0.426
0.293
0.434
0.396
0.442
0.398
7R
0.422
0.399
7S
0.430
0.402
7T
0.439
0.405
0.426
0.408
0.435
0.411
0.443
0.414
0.435
0.411
0.443
0.414
0.451
0.417
0.430
0.402
0.439
0.405
0.447
0.408
8R
0.426
0.408
8S
0.435
0.411
8T
0.443
0.414
0.430
0.417
0.439
0.420
0.447
0.423
0.439
0.420
0.447
0.423
0.456
0.426
0.435
0.411
0.443
0.414
0.451
0.417
9R
0.430
0.417
9S
0.439
0.420
9T
0.447
0.423
0.434
0.425
0.443
0.429
0.452
0.432
0.443
0.429
0.452
0.432
0.461
0.435
0.439
0.420
0.447
0.423
0.456
0.426



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com