Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWW5AM Datasheet(PDF) 21 Page - OSRAM GmbH

Part # LCWW5AM
Description  white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWW5AM Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button LCWW5AM Datasheet HTML 15Page - OSRAM GmbH LCWW5AM Datasheet HTML 16Page - OSRAM GmbH LCWW5AM Datasheet HTML 17Page - OSRAM GmbH LCWW5AM Datasheet HTML 18Page - OSRAM GmbH LCWW5AM Datasheet HTML 19Page - OSRAM GmbH LCWW5AM Datasheet HTML 20Page - OSRAM GmbH LCWW5AM Datasheet HTML 21Page - OSRAM GmbH LCWW5AM Datasheet HTML 22Page - OSRAM GmbH LCWW5AM Datasheet HTML 23Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
LCW W5AM
2009-06-19
21
Wegen der Streichung der LED aus der IEC 60825-1 (2nd edition 2007-03) erfolgt die Bewertung der Augesicherheit
nach dem Standard CIE S009/E:2002 ("photobiological safety of lamps and lamp systems") / IEC 62471 (1st edition
2006-07).
Im Risikogruppensystem dieser CIE- Norm erf¸llen die in diesem Datenblatt angegebenen LED die "moderate risk"-
Gruppe (die die sich im "sichtbaren" Spektralbereich auf eine Expositionsdauer von 0,25 s bezieht). Unter realen
Umst‰nden (f¸r Expositionsdauer, Augenpupille, Betrachtungsabstand) geht damit von diesen Bauelementen keinerlei
Augengef‰hrdung aus.
Grunds‰tzlich sollte jedoch erw‰hnt werden, dass intensive Lichtquellen durch ihre Blendwirkung ein hohes se-
kund‰res Gefahrenpotenzial besitzen. Wie nach dem Blick in andere helle Lichtquellen (z.B. Autoscheinwerfer) auch,
kˆnnen tempor‰r eingeschr‰nktes Sehvermˆgen und Nachbilder je nach Situation zu Irritationen, Bel‰stigungen, Be-
eintr‰chtigungen oder sogar Unf‰llen f¸hren.
Due to the cancellation of the LED from IEC 608251 (2nd edition 2007-03) , the evaluation of eye safety occurs accor-
ding to the dual IEC/CIE logo standard CIE S009/E:2002 ("photobiological safety of lamps and lamp systems")-
IEC 62471 (1st edition 2006-07).
Within the risk grouping system of this CIE standard, the LEDs specified in this data sheet fall into the "lmoderate risk"
group (relating to devices in the visible spectrum with an exposure time of 0.25s). Under real circumstances (for expo-
sure time, eye pupils, observation distance), it is assumed that no endangerment to the eye exists from these devices.
As a matter of principle, however, it should be mentioned that intense light sources have a high secondary exposure
potential due to their blinding effect. As is also true when viewing other bright light sources (e.g. headlights), temporary
reduction in visual acuity and afterimages can occur, leading to irritation, annoyance, visual impairment, and even
accidents, depending on the situation.
Revision History: 2009-06-19
Previous Version:
2009-06-16
Page
Subjects (major changes since last revision)
Date of change
2
ordering codes added
2008-01-08
1
color reproduction index added
2008-01-08
1
typical luminous flux increased
2008-01-16
1, 5
optical efficiency increased
2008-01-16
1, 5
color temperature range expanded
2008-01-16
15
Diagram Permissible Pulse Handling Capability changed
2008-02-27
1, 4
typ. brightness updated
2008-08-12
2
ordering code added
2008-08-28
2, 3
ordering codes and Correlation Table updated
2009-02-12
5
Thermal resistance R
th JS (typ.) added
2009-04-22
2, 3
ordering code corrected
2009-05-26
5
OS-IN-2009-020 (Forward voltage max reduced)
2009-06-16
16
Package Outlines and Method of Taping / Polarity and Orientation
updated
2009-06-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com