Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWW5AM Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LCWW5AM
Description  white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWW5AM Datasheet(HTML) 3 Page - OSRAM GmbH

  LCWW5AM Datasheet HTML 1Page - OSRAM GmbH LCWW5AM Datasheet HTML 2Page - OSRAM GmbH LCWW5AM Datasheet HTML 3Page - OSRAM GmbH LCWW5AM Datasheet HTML 4Page - OSRAM GmbH LCWW5AM Datasheet HTML 5Page - OSRAM GmbH LCWW5AM Datasheet HTML 6Page - OSRAM GmbH LCWW5AM Datasheet HTML 7Page - OSRAM GmbH LCWW5AM Datasheet HTML 8Page - OSRAM GmbH LCWW5AM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LCW W5AM
2009-06-19
3
Vergleichstabelle
Correlation Table
Typ
Type
Farbtemperatur
color
temperature
Lichtstrom
1) Seite 23
Luminous Flux
1) page 23
I
F = 350 mA
Φ
V (mlm)
Typischer
Lichtstrom
2) Seite 23
Typical Luminous
Flux
2) page 23
IF = 500 mA
Φ
V (mlm)
LCW W5AM-JYKX-4U9X
2700 K
52.000 ... 82.000
93.800
LCW W5AM-JYKY-4R9T
3000 K
52.000 ... 97.000
104.300
LCW W5AM-JYKZ-4O9Q
3500 K
52.000 ... 112.000
114.800
LCW W5AM-JZKY-4L8N
4000 K
61.000 ... 97.000
110.600
LCW W5AM-JZKZ-4J8K
4500 K
61.000 ... 112.000
121.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com