Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2240 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2240
Description  High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2240 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2240 Datasheet HTML 1Page - Monolithic Power Systems MP2240 Datasheet HTML 2Page - Monolithic Power Systems MP2240 Datasheet HTML 3Page - Monolithic Power Systems MP2240 Datasheet HTML 4Page - Monolithic Power Systems MP2240 Datasheet HTML 5Page - Monolithic Power Systems MP2240 Datasheet HTML 6Page - Monolithic Power Systems MP2240 Datasheet HTML 7Page - Monolithic Power Systems MP2240 Datasheet HTML 8Page - Monolithic Power Systems MP2240 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP2240 – SYNCHRONOUS STEP-DOWN CONVERTER
MP2240 Rev. 1.1
www.MonolithicPower.com
4
8/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, L=3.3μH, TA = 25°C, unless otherwise noted.
Case Temperature Rise
vs. Output Current
IOUT=0A-3A
Load Regulation
VIN=6V-16V, IOUT=0A-3A
Quiescent Current vs.
Input Voltage
VIN=6V-16V, VFB=1V
Current Limit vs.
Duty Cycle
Line Regulation
VIN=6V-16V
INPUT VOLTAGE (V)
OUTPUT CURRENT (A)
INPUT VOLTAGE (V)
LOAD CURRENT (A)
200
300
400
500
600
700
800
900
1000
46
8
10 12 14
16 18
0
5
10
15
20
25
30
35
1.0
1.5
2.0
2.5
3.0
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
5 6 7 8 9 10 11 1213 1415 16
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0 1020 30405060 70 80
AAM=0.5V
AAM=VCC
VIN=6V
VIN=12V
VIN=16V
IOUT=0A
IOUT=1.5A
IOUT=3A
VIN=6V
VIN=12V
VIN=16V
Reference voltage
vs. Temperature
800
802
804
806
808
810
-40 -20 0 20 40 60 80 100120140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com