Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2240 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2240
Description  High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2240 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2240 Datasheet HTML 8Page - Monolithic Power Systems MP2240 Datasheet HTML 9Page - Monolithic Power Systems MP2240 Datasheet HTML 10Page - Monolithic Power Systems MP2240 Datasheet HTML 11Page - Monolithic Power Systems MP2240 Datasheet HTML 12Page - Monolithic Power Systems MP2240 Datasheet HTML 13Page - Monolithic Power Systems MP2240 Datasheet HTML 14Page - Monolithic Power Systems MP2240 Datasheet HTML 15Page - Monolithic Power Systems MP2240 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP2240 – SYNCHRONOUS STEP-DOWN CONVERTER
MP2240 Rev. 1.1
www.MonolithicPower.com
14
8/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
MP2240
SS
178
1V/3A
20.5
84.5
49.9
1.5
Figure 7: 12VIN, 1V/3A Output
MP2240
SS
147
1.2V/3A
30.1
61.9
33
1.5
Figure 8: 12VIN, 1.2V/3A Output
MP2240
SS
140
1.8V/3A
40.2
32.4
15
2.2
Figure 9: 12VIN, 1.8V/3A Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com